Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8341 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS8341
Descripción Electrónicos  16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8341 Datasheet(HTML) 4 Page - Texas Instruments

  ADS8341 Datasheet HTML 1Page - Texas Instruments ADS8341 Datasheet HTML 2Page - Texas Instruments ADS8341 Datasheet HTML 3Page - Texas Instruments ADS8341 Datasheet HTML 4Page - Texas Instruments ADS8341 Datasheet HTML 5Page - Texas Instruments ADS8341 Datasheet HTML 6Page - Texas Instruments ADS8341 Datasheet HTML 7Page - Texas Instruments ADS8341 Datasheet HTML 8Page - Texas Instruments ADS8341 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ADS8341
4
SBAS136D
ELECTRICAL CHARACTERISTICS: +2.7V
At TA = –40°C to +85°C, +VCC = +2.7V, VREF = +2.5V, fSAMPLE = 100kHz, and fCLK = 24 • fSAMPLE = 2.4MHz, unless otherwise noted.
ADS8341E, P
ADS8341EB, PB
✻ Same specifications as ADS8341E.
NOTES: (1) LSB means Least Significant Bit. With VREF equal to +5.0V, one LSB is 76µV. (2) First five harmonics of the test frequency. (3) Auto power-down mode
(PD1 = PD0 = 0) active or SHDN = GND.
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
16
BITS
ANALOG INPUT
Full-Scale Input Span
Positive Input - Negative Input
0
VREF
✻✻
V
Absolute Input Range
Positive Input
–0.2
+VCC +0.2
✻✻
V
Negative Input
–0.2
+0.2
✻✻
V
Capacitance
25
pF
Leakage Current
±1
µA
SYSTEM PERFORMANCE
No Missing Codes
14
15
Bits
Integral Linearity Error
±12
±8LSB
Offset Error
±1
±0.5
mV
Offset Error Match
1.2
4.0
✻✻
LSB
Gain Error
±0.05
±0.0024
% of FSR
Gain Error Match
1.0
4.0
✻✻
LSB
Noise
20
µVrms
Power-Supply Rejection
+2.7 < VCC < +3.3V
3
LSB(1)
SAMPLING DYNAMICS
Conversion Time
16
Clk Cycles
Acquisition Time
4.5
Clk Cycles
Throughput Rate
100
kHz
Multiplexer Settling Time
500
ns
Aperture Delay
30
ns
Aperture Jitter
100
ps
Internal Clock Frequency
SHDN = VDD
2.4
MHz
External Clock Frequency
0.024
2.4
✻✻
MHz
When Used with Internal Clock
0.024
2.0
✻✻
MHz
Data Transfer Only
0
2.4
✻✻
MHz
DYNAMIC CHARACTERISTICS
Total Harmonic Distortion(2)
VIN = 2.5Vp-p at 10kHz
–90
dB
Signal-to-(Noise + Distortion)
VIN = 2.5Vp-p at 10kHz
86
dB
Spurious-Free Dynamic Range
VIN = 2.5Vp-p at 10kHz
92
dB
Channel-to-Channel Isolation
VIN = 2.5Vp-p at 50kHz
100
dB
REFERENCE INPUT
Range
0.5
+VCC
✻✻
V
Resistance
DCLK Static
5
G
Input Current
13
40
✻✻
µA
fSAMPLE = 12.5kHz
2.5
µA
DCLK Static
0.001
3
✻✻
µA
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
Logic Levels
VIH
| IIH | ≤ +5µA+VCC • 0.7
5.5
✻✻
V
VIL
| IIL | ≤ +5µA
–0.3
+0.8
✻✻
V
VOH
IOH = –250µA+VCC • 0.8
V
VOL
IOL = 250µA
0.4
V
Data Format
Straight Binary
POWER SUPPLY REQUIREMENTS
+VCC
Specified Performance
2.7
3.6
✻✻
V
Quiescent Current
1.2
1.85
✻✻
mA
fSAMPLE = 12.5kHz
220
µA
Power-Down Mode(3), CS = +VCC
3
µA
Power Dissipation
3.2
5
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
°C


Número de pieza similar - ADS8341

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341E TI-ADS8341E Datasheet
417Kb / 18P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341E TI1-ADS8341E Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341E/2K5 TI-ADS8341E/2K5 Datasheet
417Kb / 18P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341E/2K5 TI1-ADS8341E/2K5 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS8341

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8343 TI1-ADS8343_14 Datasheet
889Kb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343E2K5 BURR-BROWN-ADS8343E2K5 Datasheet
874Kb / 23P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_15 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343 BURR-BROWN-ADS8343 Datasheet
446Kb / 18P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8345 TI-ADS8345 Datasheet
505Kb / 18P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345 TI1-ADS8345_15 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345 TI1-ADS8345_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8344 TI1-ADS8344_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8344 BURR-BROWN-ADS8344 Datasheet
278Kb / 13P
   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com