Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7830 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza ADS7830
Descripción Electrónicos  8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7830 Datasheet(HTML) 5 Page - Texas Instruments

  ADS7830_14 Datasheet HTML 1Page - Texas Instruments ADS7830_14 Datasheet HTML 2Page - Texas Instruments ADS7830_14 Datasheet HTML 3Page - Texas Instruments ADS7830_14 Datasheet HTML 4Page - Texas Instruments ADS7830_14 Datasheet HTML 5Page - Texas Instruments ADS7830_14 Datasheet HTML 6Page - Texas Instruments ADS7830_14 Datasheet HTML 7Page - Texas Instruments ADS7830_14 Datasheet HTML 8Page - Texas Instruments ADS7830_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
ADS7830
www.ti.com
SBAS302C – DECEMBER 2003 – REVISED OCTOBER 2012
ELECTRICAL CHARACTERISTICS: +5V
At TA = –40°C to +125°C, +VDD = +5.0V, VREF = External +5.0V, and SCL Clock Frequency = 3.4MHz (High-Speed Mode),
unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-Scale Input Scan
Positive Input – Negative Input
0
VREF
V
Positive Input
–0.2
+VDD + 0.2
V
Absolute Input Range
Negative Input
–0.2
+0.2
V
Capacitance
25
pF
Leakage Current
±1
µA
SYSTEM PERFORMANCE
No Missing Codes
8
Bits
Integral Linearity Error
±0.1
±0.5
LSB(1)
Differential Linearity Error
±0.1
±0.5
LSB
Offset Error
+0.5
+1
LSB
Offset Error Match
±0.05
±0.25
LSB
Gain Error
±0.1
±0.5
LSB
Gain Error Match
±0.05
±0.25
LSB
Noise
100
µVRMS
Power-Supply Rejection
72
dB
SAMPLING DYNAMICS
High-Speed Mode: SCL = 3.4MHz
70
kSPS(2)
Throughput Frequency
Fast Mode: SCL = 400kHz
10
kSPS
Standard Mode, SCL = 100kHz
2.5
kSPS
Conversion Time
5
µs
AC ACCURACY
Total Harmonic Distortion
VIN = 5VPP at 1kHz
–72
dB(3)
Signal-to-Ratio
VIN = 5VPP at 1kHz
50
dB
Signal-to-(Noise+Distortion) Ratio
VIN = 5VPP at 1kHz
49
dB
Spurious-Free Dynamic Range
VIN = 5VPP at 1kHz
68
dB
Isolation Channel-to-Channel
90
dB
VOLTAGE REFERENCE OUTPUT
TA = –40°C to +85°C
2.48
2.52
V
Range
TA = –40°C to +125°C
2.47
2.53
V
TA = –40°C to +85°C
15
ppm/°C
Internal Reference Drift
TA = –40°C to +125°C
40
ppm/°C
Internal Reference ON
110
Ω
Output Impedance
Internal Reference OFF
1
G
Ω
Internal Reference ON,
Quiescent Current
1300
µA
SCL and SDA pulled HIGH
VOLTAGE REFERENCE INPUT
Range
0.05
VDD
V
Resistance
1
G
Ω
Current Drain
High-Speed Mode: SCL= 3.4MHz
20
µA
(1)
LSB means least significant bit. When VREF = 2.5V, 1LSB is 9.8mV.
(2)
kSPS means kilo samples-per-second.
(3)
THD measured out to the 9th-harmonic.
Copyright © 2003–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS7830


Número de pieza similar - ADS7830_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS7830I BURR-BROWN-ADS7830I Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7830IPWR BURR-BROWN-ADS7830IPWR Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830IPWR TI1-ADS7830IPWR Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7830IPWT BURR-BROWN-ADS7830IPWT Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
More results

Descripción similar - ADS7830_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828-Q1 TI1-ADS7828-Q1 Datasheet
340Kb / 22P
[Old version datasheet]   12-BIT 8-CHANNEL SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
logo
ams AG
AS1538 AMSCO-AS1538 Datasheet
80Kb / 2P
   8-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS930 TI-ADS930_V01 Datasheet
314Kb / 14P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 TI-ADS931 Datasheet
442Kb / 16P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com