Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1240EG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1240EG4
Descripción Electrónicos  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1240EG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1240EG4 Datasheet HTML 4Page - Texas Instruments ADS1240EG4 Datasheet HTML 5Page - Texas Instruments ADS1240EG4 Datasheet HTML 6Page - Texas Instruments ADS1240EG4 Datasheet HTML 7Page - Texas Instruments ADS1240EG4 Datasheet HTML 8Page - Texas Instruments ADS1240EG4 Datasheet HTML 9Page - Texas Instruments ADS1240EG4 Datasheet HTML 10Page - Texas Instruments ADS1240EG4 Datasheet HTML 11Page - Texas Instruments ADS1240EG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
ADS1240, 1241
8
SBAS173F
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
All specifications AVDD = +5V, DVDD = +5V, fOSC = 2.4576MHz, PGA = 1, fDATA = 15Hz, and VREF ≡ (REF IN+) – (REF IN–) = +2.5V, unless otherwise specified.
900
800
700
600
500
400
300
200
100
0
ANALOG CURRENT vs PGA
PGA Setting
1
2
4
8
16
128
64
32
AV
DD = 5V, Buffer = ON
AV
DD = 3V, Buffer = ON
Buffer = OFF
Buffer = OFF
1.00010
1.00006
1.00002
0.99998
0.99994
0.99990
0.99986
GAIN vs TEMPERATURE
(Cal at 25
°C)
Temperature (
°C)
–50
–30
10
–10
30
50
70
90
50
0
–50
–100
–150
–200
OFFSET vs TEMPERATURE
(Cal at 25
°C)
PGA1
PGA128
PGA64
Temperature (
°C)
–50
–30
10
–10
30
50
70
90
PGA16
10
8
6
4
2
0
–2
–4
–6
–8
–10
INTEGRAL NONLINEARITY vs INPUT SIGNAL
V
IN (V)
–2.5 –2.0
–1.0 –0.5
–1.5
0
0.5
1.0
1.5
2.0
2.5
–40
°C
+25
°C
+85
°C
150
140
130
120
110
100
90
80
70
60
50
ANALOG CURRENT vs TEMPERATURE
Temperature (
°C)
–50
–30
10
–10
30
50
70
90
AV
DD = 5
AV
DD = 3
Buffer OFF
300
250
200
150
100
50
0
DIGITAL CURRENT vs SUPPLY
V
DD (V)
3.0
3.5
4.0
4.5
5.0
Normal
4.91MHz
Normal
2.45MHz
SLEEP
2.45MHz
Power Down
SLEEP
4.91MHz


Número de pieza similar - ADS1240EG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1240EG4 TI1-ADS1240EG4 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS1240EG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com