Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1222IPWT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1222IPWT
Descripción Electrónicos  24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1222IPWT Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1222IPWT Datasheet HTML 7Page - Texas Instruments ADS1222IPWT Datasheet HTML 8Page - Texas Instruments ADS1222IPWT Datasheet HTML 9Page - Texas Instruments ADS1222IPWT Datasheet HTML 10Page - Texas Instruments ADS1222IPWT Datasheet HTML 11Page - Texas Instruments ADS1222IPWT Datasheet HTML 12Page - Texas Instruments ADS1222IPWT Datasheet HTML 13Page - Texas Instruments ADS1222IPWT Datasheet HTML 14Page - Texas Instruments ADS1222IPWT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
ADS1222
SBAS314B − APRIL 2004 − REVISED JANUARY 2009
www.ti.com
11
the buffer will limit the allowable voltage range on
VREFP and VREFN during self or self gain calibration
as the reference pins must remain within the specified
input range of the buffer in order to establish proper gain
calibration.
For best performance, VREF should be VDD/2, but it can
be raised as high as VDD. When VREF exceeds VDD/2,
it is not possible to reach the full-scale digital output
value corresponding to
±2VREF, since this requires the
analog inputs to exceed the power supplies. For
example, if VREF = VDD = 5V, the positive full-scale
signal is 10V. The maximum positive input signal that
can be supplied before the ESD diodes turn on is when
AINP = 5.1V and AINN = –0.1V, resulting in VIN = 5.2V.
Therefore, it is not possible to reach the positive (or
negative) full-scale readings in this configuration. The
digital output codes are limited to approximately one
half of the entire range. For best performance, bypass
the voltage reference inputs with a 0.1
µF capacitor
between VREFP and VREFN. Place the capacitor as
close as possible to the pins.
CLOCK INPUT (CLK)
This digital input supplies the system clock to the
ADS1222. The CLK frequency can be increased to
speed up the data rate. CLK must be left running during
normal operation. It may be turned off during Standby
mode to save power, but this is not required. The CLK
input may be driven with 5V logic, regardless of the VDD
voltage.
Minimize the overshoot and undershoot on CLK for the
best analog performance. A small resistor in series with
CLK (10
Ω to 100Ω) can often help. CLK can be
generated from a number of sources including
standalone crystal oscillators and microcontrollers.
DATA READY/DATA OUTPUT (DRDY/DOUT)
This digital output pin serves two purposes. First, it
indicates when new data is ready by going LOW.
Afterwards, on the first rising edge of SCLK, the
DRDY/DOUT pin changes function and begins to
output the conversion data, most significant bit (MSB)
first. Data is shifted out on each subsequent SCLK
rising edge. After all 24 bits have been retrieved, the pin
can be forced high with an additional SCLK. It will then
stay high until new data is ready. This is useful when
polling on the status of DRDY/DOUT to determine when
to begin data retrieval.
SERIAL CLOCK INPUT (SCLK)
This digital input shifts serial data out with each rising
edge. As with CLK, this input may be driven with 5V
logic regardless of the VDD voltage. There is hysteresis
built into this input, but care should still be taken to
ensure a clean signal. Glitches or slow-rising signals
can cause unwanted additional shifting. For this reason,
it is best to make sure the rise-and-fall times of SCLK
are less than 50ns.
FREQUENCY RESPONSE
The ADS1222 frequency response for fCLK = 2MHz is
shown in Figure 20. The frequency response repeats at
multiples of the modulator sampling frequency of
62.5kHz. The overall response is that of a low-pass filter
with a −3db cutoff frequency of 31.5Hz. As shown, the
ADS1222 does a good job attenuating out to 60kHz. For
the best resolution, limit the input bandwidth to less than
this value to keep higher frequency noise from affecting
performance. Often, a simple RC filter on the ADS1222
analog inputs is all that is needed.
Input Frequency (Hz)
0
−20
−40
−60
−80
−100
31250
62500
0
Figure 20. Frequency Response


Número de pieza similar - ADS1222IPWT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS1222IPWT BURR-BROWN-ADS1222IPWT Datasheet
240Kb / 21P
   24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
logo
Texas Instruments
ADS1222IPWT TI1-ADS1222IPWT Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results

Descripción similar - ADS1222IPWT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS1222 BURR-BROWN-ADS1222 Datasheet
240Kb / 21P
   24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
ADS1224 BURR-BROWN-ADS1224 Datasheet
265Kb / 23P
   24-Bit Analog-to-Digital Converter with 4-Channel Differential Input Multiplexer
logo
Texas Instruments
ADS1224 TI1-ADS1224_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 4-Channel Differential in put Multiplexxer
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com