Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1204IRHBRG4 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza ADS1204IRHBRG4
Descripción Electrónicos  Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1204IRHBRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1204IRHBRG4 Datasheet HTML 7Page - Texas Instruments ADS1204IRHBRG4 Datasheet HTML 8Page - Texas Instruments ADS1204IRHBRG4 Datasheet HTML 9Page - Texas Instruments ADS1204IRHBRG4 Datasheet HTML 10Page - Texas Instruments ADS1204IRHBRG4 Datasheet HTML 11Page - Texas Instruments ADS1204IRHBRG4 Datasheet HTML 12Page - Texas Instruments ADS1204IRHBRG4 Datasheet HTML 13Page - Texas Instruments ADS1204IRHBRG4 Datasheet HTML 14Page - Texas Instruments ADS1204IRHBRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
20
-40
-10
5
-25
35
65
50
125
Temperature( C)
°
-85
87
89
91
93
95
97
99
101
103
105
-
-
-
-
-
-
-
-
-
-
110
95
80
CLKIN=32MHz
CLKIN=20MHz
4V
5kHz
PP
20
-40
-10
5
-25
35
65
50
125
Temperature( C)
°
105
103
101
99
97
95
93
91
89
87
85
110
95
80
CLKIN=32MHz
CLKIN=20MHz
4V
5kHz
PP
1
10
100
Frequency(kHz)
120
110
100
90
80
70
60
-120
-
-
-
-
-
-
110
100
90
80
70
60
THD
SFDR
1
10
100
Frequency(kHz)
120
110
100
90
80
70
60
-120
-
-
-
-
-
-
110
100
90
80
70
60
THD
SFDR
0
-20
-40
-60
-80
-100
-120
-140
-160
-180
Frequency(kHz)
0
2
4
6
8
10
12
14
16
18 19
0
-20
-40
-60
-80
-100
-120
-140
-160
-180
Frequency(kHz)
0
2
4
6
8
10
12
14
16
18 19
ADS1204
www.ti.com........................................................................................................................................... SBAS301C – OCTOBER 2003 – REVISED FEBRUARY 2009
TYPICAL CHARACTERISTICS (continued)
AVDD = 5V, BVDD = 3V, CH x+ = +0.5V to +4.5V, CH x– = +2.5V, REFIN = external, CLKSEL = 0, and 16-bit Sinc
3 filter, with
OSR = 256, unless otherwise noted.
THD vs TEMPERATURE
SFDR vs TEMPERATURE
Figure 14.
Figure 15.
SFDR AND THD vs INPUT FREQUENCY
SFDR AND THD vs INPUT FREQUENCY
(CLKIN = 20MHz)
(CLKIN = 32MHz)
Figure 16.
Figure 17.
FREQUENCY SPECTRUM
FREQUENCY SPECTRUM
(4096 Point FFT, fIN = 1kHz, 4VPP)
(4096 Point FFT, fIN = 5kHz, 4VPP)
Figure 18.
Figure 19.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS1204


Número de pieza similar - ADS1204IRHBRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1204IRHBRG4 TI1-ADS1204IRHBRG4 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results

Descripción similar - ADS1204IRHBRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI-ADS1204 Datasheet
308Kb / 21P
[Old version datasheet]   FOUR 1-BIT, 10MHZ, 2ND-ORDER, DELTA-SIGMA MODULATORS
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI-ADS1209_1 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com