Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1120IRVAT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1120IRVAT
Descripción Electrónicos  Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1120IRVAT Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1120IRVAT Datasheet HTML 3Page - Texas Instruments ADS1120IRVAT Datasheet HTML 4Page - Texas Instruments ADS1120IRVAT Datasheet HTML 5Page - Texas Instruments ADS1120IRVAT Datasheet HTML 6Page - Texas Instruments ADS1120IRVAT Datasheet HTML 7Page - Texas Instruments ADS1120IRVAT Datasheet HTML 8Page - Texas Instruments ADS1120IRVAT Datasheet HTML 9Page - Texas Instruments ADS1120IRVAT Datasheet HTML 10Page - Texas Instruments ADS1120IRVAT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
CLK
DGND
AVSS
AIN3/REFN1
AIN0/REFP1
AVDD
DVDD
DRDY
ADS1120
www.ti.com
SBAS535A – AUGUST 2013 – REVISED JANUARY 2014
PIN CONFIGURATIONS
RVA PACKAGE
QFN-16
(TOP VIEW)
Pin Descriptions (QFN Package)
ANALOG OR DIGITAL
NAME
PIN NO.
INPUT/OUTPUT
DESCRIPTION
CLK
1
Digital input
External clock source pin; connect to DGND if not used
DGND
2
Digital
Digital ground
AVSS
3
Analog
Negative analog power supply
AIN3/REFN1
4
Analog input
Differential or single-ended input; negative reference input(1)
AIN2
5
Analog input
Differential or single-ended input(1)
REFN0
6
Analog input
Negative reference input
REFP0
7
Analog input
Positive reference input
AIN1
8
Analog input
Differential or single-ended input(1)
AIN0/REFP1
9
Analog input
Differential or single-ended input; positive reference input(1)
AVDD
10
Analog
Positive analog power supply
DVDD
11
Digital
Positive digital power supply
DRDY
12
Digital output
Data ready; active low
DOUT/DRDY
13
Digital output
Serial data output combined with data ready; active low
DIN
14
Digital input
Serial data input
SCLK
15
Digital input
Serial clock input
CS
16
Digital input
Chip select; active low
Thermal pad
Thermal power pad. Do not connect or only connect to AVSS.
(1)
Unused analog inputs can be left unconnected or tied to AVDD.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links :ADS1120


Número de pieza similar - ADS1120IRVAT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1120IRVAT TI1-ADS1120IRVAT Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IRVAT TI1-ADS1120IRVAT Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit ADC for Small-Signal Sensors
More results

Descripción similar - ADS1120IRVAT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI-ADS1220 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI1-ADS1220_14 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit ADC for Small-Signal Sensors
logo
Burr-Brown (TI)
DAC1221 BURR-BROWN-DAC1221 Datasheet
125Kb / 14P
   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1221 TI1-DAC1221 Datasheet
147Kb / 16P
[Old version datasheet]   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
ADS1220 TI1-ADS1220_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com