Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1100 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza ADS1100
Descripción Electrónicos  Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1100 Datasheet(HTML) 1 Page - Texas Instruments

  ADS1100_14 Datasheet HTML 1Page - Texas Instruments ADS1100_14 Datasheet HTML 2Page - Texas Instruments ADS1100_14 Datasheet HTML 3Page - Texas Instruments ADS1100_14 Datasheet HTML 4Page - Texas Instruments ADS1100_14 Datasheet HTML 5Page - Texas Instruments ADS1100_14 Datasheet HTML 6Page - Texas Instruments ADS1100_14 Datasheet HTML 7Page - Texas Instruments ADS1100_14 Datasheet HTML 8Page - Texas Instruments ADS1100_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
ADS1100
SBAS239B – MAY 2002 – REVISED NOVEMBER 2003
www.ti.com
DESCRIPTION
The ADS1100 is a precision, continuously self-calibrating
Analog-to-Digital (A/D) converter with differential inputs and
up to 16 bits of resolution in a small SOT23-6 package.
Conversions are performed ratiometrically, using the power
supply as the reference voltage. The ADS1100 uses an
I2C-compatible serial interface and operates from a single
power supply ranging from 2.7V to 5.5V.
The ADS1100 can perform conversions at rates of 8, 16, 32,
or 128 samples per second. The onboard Programmable
Gain Amplifier (PGA), which offers gains of up to 8, allows
smaller signals to be measured with high resolution. In
single-conversion mode, the ADS1100 automatically powers
down after a conversion, greatly reducing current consump-
tion during idle periods.
The ADS1100 is designed for applications requiring high-
resolution measurement, where space and power consump-
tion are major considerations. Typical applications include
portable instrumentation, industrial process control, and smart
transmitters.
FEATURES
q COMPLETE DATA ACQUISITION SYSTEM IN A
TINY SOT23-6 PACKAGE
q 16-BITS NO MISSING CODES
q INL: 0.0125% of FSR MAX
q CONTINUOUS SELF-CALIBRATION
q SINGLE-CYCLE CONVERSION
q PROGRAMMABLE GAIN AMPLIFIER
GAIN = 1, 2, 4, OR 8
q LOW NOISE: 4
µVp-p
q PROGRAMMABLE DATA RATE: 8SPS to 128SPS
q INTERNAL SYSTEM CLOCK
q I2CTM INTERFACE
q POWER SUPPLY: 2.7V to 5.5V
q LOW CURRENT CONSUMPTION: 90
µA
q AVAILABLE IN EIGHT DIFFERENT ADDRESSES
APPLICATIONS
q PORTABLE INSTRUMENTATION
q INDUSTRIAL PROCESS CONTROL
q SMART TRANSMITTERS
q CONSUMER GOODS
q FACTORY AUTOMATION
q TEMPERATURE MEASUREMENT
I2C is a registered trademark of Philips Incorporated.
Copyright © 2002-2003, Texas Instruments Incorporated
Self-Calibrating, 16-Bit
ANALOG-TO-DIGITAL CONVERTER
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
∆Σ A/D
Converter
I2C
Interface
Clock
Oscillator
V
IN+
V
IN–
SCL
SDA
V
DD
GND
A = 1, 2, 4, or 8
PGA
AD0
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
All trademarks are the property of their respective owners.


Número de pieza similar - ADS1100_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS1100A1IDBVR BURR-BROWN-ADS1100A1IDBVR Datasheet
282Kb / 18P
   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1100A1IDBVR TI1-ADS1100A1IDBVR Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
ADS1100A1IDBVR TI1-ADS1100A1IDBVR Datasheet
880Kb / 23P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100A1IDBVRG4 TI1-ADS1100A1IDBVRG4 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
logo
Burr-Brown (TI)
ADS1100A1IDBVT BURR-BROWN-ADS1100A1IDBVT Datasheet
282Kb / 18P
   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS1100_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1100 TI1-ADS1100_10 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
logo
Burr-Brown (TI)
ADS1100 BURR-BROWN-ADS1100 Datasheet
282Kb / 18P
   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1100 TI1-ADS1100_15 Datasheet
880Kb / 23P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS850 TI-ADS850 Datasheet
304Kb / 15P
[Old version datasheet]   14-Bit, 10MSPS Self-Calibrating ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
   47kHz, 16-bit Self-calibrating Sampling A/D Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com