Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1110A6IDBVTG4 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza ADS1110A6IDBVTG4
Descripción Electrónicos  16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1110A6IDBVTG4 Datasheet(HTML) 2 Page - Texas Instruments

  ADS1110A6IDBVTG4 Datasheet HTML 1Page - Texas Instruments ADS1110A6IDBVTG4 Datasheet HTML 2Page - Texas Instruments ADS1110A6IDBVTG4 Datasheet HTML 3Page - Texas Instruments ADS1110A6IDBVTG4 Datasheet HTML 4Page - Texas Instruments ADS1110A6IDBVTG4 Datasheet HTML 5Page - Texas Instruments ADS1110A6IDBVTG4 Datasheet HTML 6Page - Texas Instruments ADS1110A6IDBVTG4 Datasheet HTML 7Page - Texas Instruments ADS1110A6IDBVTG4 Datasheet HTML 8Page - Texas Instruments ADS1110A6IDBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADS1110
SBAS276A − MARCH 2003 − REVISED NOVEMBER 2003
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
VDD to GND
−0.3V to +6V
Input Current
100mA, Momentary
Input Current
10mA, Continuous
Voltage to GND, VIN+, VIN−
−0.3V to VDD + 0.3V
Voltage to GND, SDA, SCL
−0.5V to 6V
Maximum Junction Temperature
+150
°C
Operating Temperature Range
−40
°C to +125°C
Storage Temperature Range
−60
°C to +150°C
Lead Temperature (soldering, 10s)
+300
°C
(1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to
absolute maximum conditions for extended periods may affect
device reliability.
This integrated circuit can be damaged by ESD.
Texas Instruments recommends that all
integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PACKAGE/ORDERING INFORMATION
PRODUCT
I2C
ADDRESS
PACKAGE−LEAD
PACKAGE
DESIGNATOR(1)
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
ADS1110
1001 000
SOT23-6
DBV
−40
°C to +85°C
ED0
ADS1110A0IDBVT
Tape and Reel, 250
ADS1110
1001 000
SOT23-6
DBV
−40
°C to +85°C
ED0
ADS1110A0IDBVR
Tape and Reel, 3000
ADS1110
1001 001
SOT23-6
DBV
−40
°C to +85°C
ED1
ADS1110A1IDBVT
Tape and Reel, 250
ADS1110
1001 001
SOT23-6
DBV
−40
°C to +85°C
ED1
ADS1110A1IDBVR
Tape and Reel, 3000
ADS1110
1001 010
SOT23-6
DBV
−40
°C to +85°C
ED2
ADS1110A2IDBVT
Tape and Reel, 250
ADS1110
1001 010
SOT23-6
DBV
−40
°C to +85°C
ED2
ADS1110A2IDBVR
Tape and Reel, 3000
ADS1110
1001 011
SOT23-6
DBV
−40
°C to +85°C
ED3
ADS1110A3IDBVT
Tape and Reel, 250
ADS1110
1001 011
SOT23-6
DBV
−40
°C to +85°C
ED3
ADS1110A3IDBVR
Tape and Reel, 3000
ADS1110
1001 100
SOT23-6
DBV
−40
°C to +85°C
ED4
ADS1110A4IDBVT
Tape and Reel, 250
ADS1110
1001 100
SOT23-6
DBV
−40
°C to +85°C
ED4
ADS1110A4IDBVR
Tape and Reel, 3000
ADS1110
1001 101
SOT23-6
DBV
−40
°C to +85°C
ED5
ADS1110A5IDBVT
Tape and Reel, 250
ADS1110
1001 101
SOT23-6
DBV
−40
°C to +85°C
ED5
ADS1110A5IDBVR
Tape and Reel, 3000
ADS1110
1001 110
SOT23-6
DBV
−40
°C to +85°C
ED6
ADS1110A6IDBVT
Tape and Reel, 250
ADS1110
1001 110
SOT23-6
DBV
−40
°C to +85°C
ED6
ADS1110A6IDBVR
Tape and Reel, 3000
ADS1110
1001 111
SOT23-6
DBV
−40
°C to +85°C
ED7
ADS1110A7IDBVT
Tape and Reel, 250
ADS1110
1001 111
SOT23-6
DBV
−40
°C to +85°C
ED7
ADS1110A7IDBVR
Tape and Reel, 3000
(1) For the most current specification and package information, refer to our web site at www.ti.com.
Top View
SOT23


Número de pieza similar - ADS1110A6IDBVTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1110A6IDBVTG4 TI1-ADS1110A6IDBVTG4 Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
More results

Descripción similar - ADS1110A6IDBVTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1110 TI1-ADS1110_13 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_16 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_10 Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
ADS1110 TI-ADS1110 Datasheet
520Kb / 17P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com