Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1100A6IDBVTG4 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza ADS1100A6IDBVTG4
Descripción Electrónicos  Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1100A6IDBVTG4 Datasheet(HTML) 5 Page - Texas Instruments

  ADS1100A6IDBVTG4 Datasheet HTML 1Page - Texas Instruments ADS1100A6IDBVTG4 Datasheet HTML 2Page - Texas Instruments ADS1100A6IDBVTG4 Datasheet HTML 3Page - Texas Instruments ADS1100A6IDBVTG4 Datasheet HTML 4Page - Texas Instruments ADS1100A6IDBVTG4 Datasheet HTML 5Page - Texas Instruments ADS1100A6IDBVTG4 Datasheet HTML 6Page - Texas Instruments ADS1100A6IDBVTG4 Datasheet HTML 7Page - Texas Instruments ADS1100A6IDBVTG4 Datasheet HTML 8Page - Texas Instruments ADS1100A6IDBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADS1100
5
SBAS239B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = 25°C and VDD = 5V, unless otherwise noted.
TOTAL ERROR vs INPUT SIGNAL
0.0
–0.5
–1.0
–1.5
–2.0
–2.5
–100
–75
–50
–25
0
25
50
75
100
Input Signal (% of Full-Scale)
PGA = 8
PGA = 4
PGA = 2
PGA = 1
Data Rate = 8SPS
INTEGRAL NONLINEARITY vs SUPPLY VOLTAGE
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0.000
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
DD (V)
PGA = 8
PGA = 4
PGA = 2
PGA = 1
V
DD = 2.7V
V
DD = 5V
V
DD = 3.5V
0.05
0.04
0.03
0.02
0.01
0.00
INTEGRAL NONLINEARITY vs TEMPERATURE
–60
–40
–20
0
20
40
60
80
100
120
140
Temperature (
°C)
PGA =1
20
15
10
5
0
NOISE vs INPUT SIGNAL
0
20
406080
100
Input Signal (% of Full-Scale)
PGA = 8
PGA = 4
PGA = 2
PGA = 1
Data Rate = 8SPS
PGA = 8
PGA = 4
PGA = 2
PGA = 1
NOISE vs SUPPLY VOLTAGE
30
25
20
15
10
5
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
DD (V)
Data Rate = 8SPS
NOISE vs TEMPERATURE
25
20
15
10
5
–60
–40
–20
0
20
40
60
80
100
120
140
Temperature (
°C)
Data Rate = 8SPS
PGA = 8


Número de pieza similar - ADS1100A6IDBVTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1100A6IDBVTG4 TI1-ADS1100A6IDBVTG4 Datasheet
880Kb / 23P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100A6IDBVTG4 TI1-ADS1100A6IDBVTG4 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
More results

Descripción similar - ADS1100A6IDBVTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1100 TI1-ADS1100_10 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
logo
Burr-Brown (TI)
ADS1100 BURR-BROWN-ADS1100 Datasheet
282Kb / 18P
   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1100 TI1-ADS1100_15 Datasheet
880Kb / 23P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS850 TI-ADS850 Datasheet
304Kb / 15P
[Old version datasheet]   14-Bit, 10MSPS Self-Calibrating ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
   47kHz, 16-bit Self-calibrating Sampling A/D Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com