Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8555 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS8555
Descripción Electrónicos  16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8555 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS8555 Datasheet HTML 7Page - Texas Instruments ADS8555 Datasheet HTML 8Page - Texas Instruments ADS8555 Datasheet HTML 9Page - Texas Instruments ADS8555 Datasheet HTML 10Page - Texas Instruments ADS8555 Datasheet HTML 11Page - Texas Instruments ADS8555 Datasheet HTML 12Page - Texas Instruments ADS8555 Datasheet HTML 13Page - Texas Instruments ADS8555 Datasheet HTML 14Page - Texas Instruments ADS8555 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
CONVST_A
CONVST_B
CONVST_C
BUSY
(C20=C21=0)
CS
DB[15:0]
t
D1
t
2
t
1
RD
t
4
CH
A0
CH
A1
CH
B0
CH
B1
CH
C0
CH
C1
t
5
t
D5
t
6
t
H3
t
7
t
ACQ
t
3
t
CONV
ADS8555
www.ti.com
SBAS531B
– DECEMBER 2010 – REVISED FEBRUARY 2011
Figure 2. Parallel Read Access Timing Diagram
PARALLEL INTERFACE TIMING REQUIREMENTS (Read Access)
(1)
Over recommended operating free-air temperature range at
–40°C to +125°C, AVDD = 5V, and BVDD = 2.7V to 5.5V, unless
otherwise noted.
ADS8555
PARAMETER
MIN
MAX
UNIT
tACQ
Acquisition time
280
ns
tCONV
Conversion time
1.26
µs
t1
CONVST_x low time
20
ns
t2
BUSY low to CS low time
0
ns
t3
Bus access finished to next conversion start time(2)
40
ns
t4
CS low to RD low time
0
ns
t5
RD high to CS high time
0
ns
t6
RD pulse width
30
ns
t7
Minimum time between two read accesses
10
ns
tD1
CONVST_x high to BUSY high delay
5
20
ns
tD5
RD falling edge to output data valid delay
20
ns
tH3
Output data to RD rising edge hold time
5
ns
(1)
All input signals are specified with tR = tF = 1.5ns (10% to 90% of BVDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
Refer to CS signal or RD, whichever occurs first.
© 2010–2011, Texas Instruments Incorporated
11
Product Folder Link(s): ADS8555


Número de pieza similar - ADS8555

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555SPM TI1-ADS8555SPM Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555SPM TI1-ADS8555SPM Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555SPMR TI1-ADS8555SPMR Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555SPMR TI1-ADS8555SPMR Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS8555

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8353-Q1 TI1-ADS8353-Q1 Datasheet
561Kb / 41P
[Old version datasheet]   Dual, High-Speed, 16-Bit, Simultaneous-Sampling, Analog-to-Digital Converter
ADS8355 TI1-ADS8355 Datasheet
833Kb / 39P
[Old version datasheet]   Dual, 16-Bit, 1-MSPS, Simultaneous-Sampling, Analog-to-Digital Converter
ADS8361 TI1-ADS8361_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8361 BURR-BROWN-ADS8361 Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com