Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7946 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS7946
Descripción Electrónicos  14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7946 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7946 Datasheet HTML 7Page - Texas Instruments ADS7946 Datasheet HTML 8Page - Texas Instruments ADS7946 Datasheet HTML 9Page - Texas Instruments ADS7946 Datasheet HTML 10Page - Texas Instruments ADS7946 Datasheet HTML 11Page - Texas Instruments ADS7946 Datasheet HTML 12Page - Texas Instruments ADS7946 Datasheet HTML 13Page - Texas Instruments ADS7946 Datasheet HTML 14Page - Texas Instruments ADS7946 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
−4
−3
−2
−1
0
1
2
3
4
2.7
3.2
3.7
4.2
4.7
5.2
5.7
AVDD, Analog Supply Voltage (V)
G012
−4
−3
−2
−1
0
1
2
3
4
2.5
3
3.5
4
4.5
5
5.5
Reference Voltage (V)
AVDD = 5.25 V
G014
−4
−3
−2
−1
0
1
2
3
4
−40 −25 −10
5
20
35
50
65
80
95
110 125
Free-Air Temperature (°C)
G013
−6
−4
−2
0
2
4
6
2.7
3.2
3.7
4.2
4.7
5.2
5.7
AVDD, Analog Supply Voltage (V)
G015
−6
−4
−2
0
2
4
6
2.5
3
3.5
4
4.5
5
5.5
Reference Voltage (V)
AVDD = 5.25 V
G017
−6
−4
−2
0
2
4
6
−40 −25 −10
5
20
35
50
65
80
95
110 125
Free-Air Temperature (°C)
G016
ADS7945
ADS7946
www.ti.com
SBAS539B
– JUNE 2011 – REVISED SEPTEMBER 2011
TYPICAL CHARACTERISTICS: ADS7945 (continued)
At TA = +25°C, AVDD = 5 V, DVDD = 1.8 V, VREF = 2.5 V, and fSAMPLE = 2 MSPS, unless otherwise noted.
OFFSET ERROR vs ANALOG SUPPLY VOLTAGE
OFFSET ERROR vs REFERENCE VOLTAGE
Figure 7.
Figure 8.
OFFSET ERROR vs FREE-AIR TEMPERATURE
GAIN ERROR vs ANALOG SUPPLY VOLTAGE
Figure 9.
Figure 10.
GAIN ERROR vs REFERENCE VOLTAGE
GAIN ERROR vs FREE-AIR TEMPERATURE
Figure 11.
Figure 12.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS7945 ADS7946


Número de pieza similar - ADS7946

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7946 TI1-ADS7946 Datasheet
1Mb / 49P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADS7946SRTER TI1-ADS7946SRTER Datasheet
1Mb / 49P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADS7946SRTET TI1-ADS7946SRTET Datasheet
1Mb / 49P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
More results

Descripción similar - ADS7946

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7945 TI1-ADS7945 Datasheet
1Mb / 49P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADC32J42 TI1-ADC32J42 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI-ADS42JB49 Datasheet
4Mb / 70P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADC3244E TI1-ADC3244E Datasheet
2Mb / 55P
[Old version datasheet]   Dual-channel, 14-bit, 125-MSPS analog-to-digital converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com