Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8528SRGCT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS8528SRGCT
Descripción Electrónicos  12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8528SRGCT Datasheet(HTML) 2 Page - Texas Instruments

  ADS8528SRGCT Datasheet HTML 1Page - Texas Instruments ADS8528SRGCT Datasheet HTML 2Page - Texas Instruments ADS8528SRGCT Datasheet HTML 3Page - Texas Instruments ADS8528SRGCT Datasheet HTML 4Page - Texas Instruments ADS8528SRGCT Datasheet HTML 5Page - Texas Instruments ADS8528SRGCT Datasheet HTML 6Page - Texas Instruments ADS8528SRGCT Datasheet HTML 7Page - Texas Instruments ADS8528SRGCT Datasheet HTML 8Page - Texas Instruments ADS8528SRGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
ADS8528
ADS8548
ADS8568
SBAS543A
– AUGUST 2011 – REVISED OCTOBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
FAMILY/ORDERING INFORMATION(1)
MAXIMUM DATA RATE:
RESOLUTION
PAR/SER
SNR
THD
PRODUCT
(Bits)
(kSPS/ch)
(dB, typ)
(dB, typ)
ADS8528
12
650/480
73.9
–89
ADS8548
14
600/450
85
–91
ADS8568
16
510/400
91.5
–94
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
HVDD to AGND
–0.3 to 18
V
HVSS to AGND
–18 to 0.3
V
Supply voltage
AVDD to AGND
–0.3 to 6
V
DVDD to DGND
–0.3 to 6
V
Analog input voltage
HVSS
– 0.3 to HVDD + 0.3
V
Reference input voltage with respect to AGND
AGND
– 0.3 to AVDD + 0.3
V
Digital input voltage with respect to DGND
DGND
– 0.3 to DVDD + 0.3
V
Ground voltage difference AGND to DGND
±0.3
V
Input current to all pins except supply
±10
mA
Maximum virtual junction temperature, TJ
+150
°C
Human body model (HBM)
±2500
V
JEDEC standard 22, test method A114-C.01, all pins
ESD ratings
Charged device model (CDM)
±500
V
JEDEC standard 22, test method C101, all pins
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
ADS8528/48/68
THERMAL METRIC(1)
RGC
PM
UNITS
64 PINS
64 PINS
θJA
Junction-to-ambient thermal resistance
22
48.5
θJCtop
Junction-to-case (top) thermal resistance
9.0
9.4
θJB
Junction-to-board thermal resistance
3.6
21.9
°C/W
ψJT
Junction-to-top characterization parameter
0.1
0.3
ψJB
Junction-to-board characterization parameter
2.9
21.4
θJCbot
Junction-to-case (bottom) thermal resistance
0.3
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): ADS8528 ADS8548 ADS8568


Número de pieza similar - ADS8528SRGCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8528SRGCT TI1-ADS8528SRGCT Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8528SRGCT TI1-ADS8528SRGCT Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
More results

Descripción similar - ADS8528SRGCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI1-ADS8364_16 Datasheet
959Kb / 27P
[Old version datasheet]   250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI-ADS8364 Datasheet
393Kb / 22P
[Old version datasheet]   250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8350 TI1-ADS8350_14 Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com