Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1602IPFBR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1602IPFBR
Descripción Electrónicos  16-Bit, 2.5MSPS Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1602IPFBR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1602IPFBR Datasheet HTML 4Page - Texas Instruments ADS1602IPFBR Datasheet HTML 5Page - Texas Instruments ADS1602IPFBR Datasheet HTML 6Page - Texas Instruments ADS1602IPFBR Datasheet HTML 7Page - Texas Instruments ADS1602IPFBR Datasheet HTML 8Page - Texas Instruments ADS1602IPFBR Datasheet HTML 9Page - Texas Instruments ADS1602IPFBR Datasheet HTML 10Page - Texas Instruments ADS1602IPFBR Datasheet HTML 11Page - Texas Instruments ADS1602IPFBR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
CLK
SYNC
t
SSC
t
HSC
FSO
t
C
t
SYPW
t
STL
CLK
FSO
t
CPW
SCLK
t
CS
t
CF
t
FPW
DOUT
t
DS
t
DH
MSB
BIT
14
LSB
NewData
BIT
1
t
CPW
ADS1602
SBAS341E
– DECEMBER 2004 – REVISED OCTOBER 2011
www.ti.com
TIMING DIAGRAMS
Figure 1. Initialization Timing
TIMING REQUIREMENTS
For TA = –40°C to +85°C, DVDD = 2.7V to 3.6V, and IOVDD = 2.7V to 5.25V.
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
tSYPW
SYNC positive pulse width
1
CLK period
tC
Clock period (CLK)
25
ns
tSSC
Setup time; SYNC rising edge to CLK rising edge
0.5
CLK period
tHSC
Hold time; CLK rising edge to SYNC falling edge
0.5
CLK period
Settling time of the ADS1602; FSO falling edge to next
tSTL
833
CLK periods
FSO rising edge
Figure 2. Data Retrieval Timing
TIMING REQUIREMENTS
For TA = –40°C to +85°C, DVDD = 2.7V to 3.6V, and IOVDD = 2.7V to 5.25V.
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
tCS
Rising edge of CLK to rising edge of SCLK
15
ns
tCF
Rising edge of SCLK to rising edge of FSO
5
ns
tCPW
CLK positive or negative pulse width
11.25
ns
tFPW
Frame sync output high pulse width
1
CLK period
tDS
SCLK rising edge to new DOUT valid
5
ns
tDH
SCLK falling edge to DOUT invalid
6
ns
8
Copyright
© 2004–2011, Texas Instruments Incorporated


Número de pieza similar - ADS1602IPFBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS1602IPFBR BURR-BROWN-ADS1602IPFBR Datasheet
397Kb / 26P
   16-Bit, 2.5MSPS Analog-to-Digital Converter
ADS1602IPFBRG4 BURR-BROWN-ADS1602IPFBRG4 Datasheet
397Kb / 26P
   16-Bit, 2.5MSPS Analog-to-Digital Converter
More results

Descripción similar - ADS1602IPFBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS1602 BURR-BROWN-ADS1602 Datasheet
397Kb / 26P
   16-Bit, 2.5MSPS Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
   16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
   16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com