Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1292RIPBS Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1292RIPBS
Descripción Electrónicos  Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1292RIPBS Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1292RIPBS Datasheet HTML 2Page - Texas Instruments ADS1292RIPBS Datasheet HTML 3Page - Texas Instruments ADS1292RIPBS Datasheet HTML 4Page - Texas Instruments ADS1292RIPBS Datasheet HTML 5Page - Texas Instruments ADS1292RIPBS Datasheet HTML 6Page - Texas Instruments ADS1292RIPBS Datasheet HTML 7Page - Texas Instruments ADS1292RIPBS Datasheet HTML 8Page - Texas Instruments ADS1292RIPBS Datasheet HTML 9Page - Texas Instruments ADS1292RIPBS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 75 page
background image
ADS1291
ADS1292
ADS1292R
SBAS502B – DECEMBER 2011 – REVISED SEPTEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum specifications apply from –40°C to +85°C. Typical specifications are at +25°C. All specifications are
at DVDD = 1.8 V, AVDD – AVSS = 3 V
(1), V
REF = 2.42 V, external fCLK = 512 kHz, data rate = 500 SPS, CFILTER = 4.7 nF
(2),
and gain = 6, unless otherwise noted.
ADS1291, ADS1292, ADS1292R
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT (RLD Amplifier Turned Off)
AVDD – AVSS = 3 V
205
μA
ADS1292 and
IAVDD
ADS1292R
AVDD – AVSS = 5 V
250
μA
DVDD = 3.3 V
75
μA
ADS1292 and
IDVDD
ADS1292R
DVDD = 1.8 V
32
μA
POWER DISSIPATION (Analog Supply = 3 V, RLD Amplifier Turned Off)
Normal mode
670
740
µW
ADS1292 and
ADS1292R
Standby mode
160
µW
Quiescent power
dissipation
Normal mode
450
495
µW
ADS1291
Standby mode
160
µW
ADS1292R
Normal mode
335
µW
Quiescent power
dissipation, per
ADS1292
Normal mode
335
µW
channel
ADS1291
Normal mode
450
µW
POWER DISSIPATION (Analog Supply = 5 V, RLD Amplifier Turned Off)
Normal mode
1300
µW
ADS1292 and
ADS1292R
Standby mode
340
µW
Quiescent power
dissipation
Normal mode
950
µW
ADS1291
Standby mode
340
µW
ADS1292R
Normal mode
670
µW
Quiescent power
dissipation, per
ADS1292
Normal mode
670
µW
channel
ADS1291
Normal mode
860
µW
POWER DISSIPATION IN POWER-DOWN MODE
DVDD = 1.8 V
1
µW
Analog supply = 3 V
DVDD = 3.3 V
4
µW
DVDD = 1.8 V
5
µW
Analog supply = 5 V
DVDD = 3.3 V
10
µW
TEMPERATURE
Specified temperature range
–40
+85
°C
Operating temperature range
–40
+85
°C
Storage temperature range
–60
+150
°C
THERMAL INFORMATION
ADS1291, ADS1292, ADS1292R
THERMAL METRIC(1)
PBS (TQFP)
RSM (QFN)
UNITS
32 PINS
32 PINS
θJA
Junction-to-ambient thermal resistance
68.4
33.7
θJCtop
Junction-to-case (top) thermal resistance
25.9
36.4
θJB
Junction-to-board thermal resistance
30.5
25.2
°C/W
ψJT
Junction-to-top characterization parameter
0.5
0.2
ψJB
Junction-to-board characterization parameter
24.3
7.4
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
2.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: ADS1291 ADS1292 ADS1292R


Número de pieza similar - ADS1292RIPBS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1292RIPBS TI-ADS1292RIPBS Datasheet
1Mb / 69P
[Old version datasheet]   Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1292RIPBS TI1-ADS1292RIPBS Datasheet
1Mb / 61P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1292RIPBSR TI-ADS1292RIPBSR Datasheet
1Mb / 69P
[Old version datasheet]   Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results

Descripción similar - ADS1292RIPBS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1291 TI-ADS1291 Datasheet
1Mb / 69P
[Old version datasheet]   Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1293 TI-ADS1293 Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1005 TI-ADS1294_1005 Datasheet
964Kb / 75P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294_12 Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com