Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS130E08 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza ADS130E08
Descripción Electrónicos  Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS130E08 Datasheet(HTML) 4 Page - Texas Instruments

  ADS130E08_14 Datasheet HTML 1Page - Texas Instruments ADS130E08_14 Datasheet HTML 2Page - Texas Instruments ADS130E08_14 Datasheet HTML 3Page - Texas Instruments ADS130E08_14 Datasheet HTML 4Page - Texas Instruments ADS130E08_14 Datasheet HTML 5Page - Texas Instruments ADS130E08_14 Datasheet HTML 6Page - Texas Instruments ADS130E08_14 Datasheet HTML 7Page - Texas Instruments ADS130E08_14 Datasheet HTML 8Page - Texas Instruments ADS130E08_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
ADS130E08
SBAS574A – JULY 2012 – REVISED SEPTEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum specifications apply from –40°C to +105°C. Typical specifications are at +25°C. All specifications are
at DVDD = 1.8 V, AVDD = 3 V, AVSS = 0 V, VREF = 2.4 V, external fCLK = 2.048 MHz, data rate = 8 kSPS, and gain = 1,
unless otherwise noted.
ADS130E08
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPERATIONAL AMPLIFIER
Integrated noise
0.1 Hz to 100 Hz
7
µVRMS
Noise density
2 kHz
120
nV/
√Hz
GBP
Gain bandwidth product
50 k
Ω || 10-pF load
100
kHz
SR
Slew rate
50 k
Ω || 10-pF load
0.25
V/µs
Load current
50
µA
THD
Total harmonic distortion
fIN = 100 Hz
70
dB
CMIR
Common-mode input range
AVSS + 0.7
AVSS – 0.3
V
Quiescent power consumption
20
µA
INTERNAL REFERENCE
CONFIG3.VREF_4V = 0
2.4
V
VO
Output voltage
CONFIG3.VREF_4V = 1
4
V
VREF accuracy
±0.2
%
Drift
–40°C to +105°C
45
ppm/°C
Start-up time
Settled to 0.2%
150
ms
SYSTEM MONITORS
Analog supply reading error
2
%
Digital supply reading error
2
%
From power-up to DRDY low
150
ms
Device wake up
STANDBY mode
125
µs
Voltage
TA = +25°C
145
mV
Temperature sensor
reading
Coefficient
490
μV/°C
TEST SIGNAL
Hz
fCLK / 2
21
Signal frequency
See Register Map section for settings
Hz
fCLK / 2
20
±1
mV
Signal voltage
See Register Map section for settings
±2
mV
Accuracy
±2
%
CLOCK
Nominal frequency
2.048
MHz
Internal oscillator clock frequency
TA = +25°C
±0.5
%
–40°C
≤ TA ≤ +105°C
±2.5
%
Internal oscillator start-up time
20
μs
Internal oscillator power consumption
120
μW
External clock input frequency
CLKSEL pin = 0
0.7
2.048
2.25
MHz
DIGITAL INPUT AND OUTPUT (DVDD = 1.8 V to 3.6 V)
VIH
High
0.8 DVDD
DVDD + 0.1
V
Logic level,
input voltage
VIL
Low
–0.1
0.2 DVDD
V
VOH
High
IOH = –500 µA
0.9 DVDD
V
Logic level,
output voltage
VOL
Low
IOL = +500 µA
0.1 DVDD
V
IIN
Input current
0 V < VDigitalInput < DVDD
–10
+10
μA
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ADS130E08


Número de pieza similar - ADS130E08_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS130E08IPAG TI1-ADS130E08IPAG Datasheet
1Mb / 50P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
ADS130E08IPAGR TI1-ADS130E08IPAGR Datasheet
1Mb / 50P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
More results

Descripción similar - ADS130E08_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS130E08 TI1-ADS130E08 Datasheet
1Mb / 50P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
[Old version datasheet]   8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
AFE5809 TI-AFE5809 Datasheet
432Kb / 9P
[Old version datasheet]   Analog Front End for Ultrasonic Applications
AFE4400 TI-AFE4400 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4300 TI1-AFE4300 Datasheet
334Kb / 30P
[Old version datasheet]   Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4300PNR TI1-AFE4300PNR Datasheet
309Kb / 30P
[Old version datasheet]   Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4400 TI1-AFE4400_15 Datasheet
2Mb / 87P
[Old version datasheet]   AFE4400 Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4490 TI1-AFE4490_14 Datasheet
2Mb / 96P
[Old version datasheet]   Integrated Analog Front-End for Pulse Oximeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com