Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS130E08IPAG Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS130E08IPAG
Descripción Electrónicos  Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS130E08IPAG Datasheet(HTML) 2 Page - Texas Instruments

  ADS130E08IPAG Datasheet HTML 1Page - Texas Instruments ADS130E08IPAG Datasheet HTML 2Page - Texas Instruments ADS130E08IPAG Datasheet HTML 3Page - Texas Instruments ADS130E08IPAG Datasheet HTML 4Page - Texas Instruments ADS130E08IPAG Datasheet HTML 5Page - Texas Instruments ADS130E08IPAG Datasheet HTML 6Page - Texas Instruments ADS130E08IPAG Datasheet HTML 7Page - Texas Instruments ADS130E08IPAG Datasheet HTML 8Page - Texas Instruments ADS130E08IPAG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
ADS130E08
SBAS574A – JULY 2012 – REVISED SEPTEMBER 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
FAMILY AND ORDERING INFORMATION(1)
OPERATING
NUMBER OF
MAXIMUM SAMPLE
TEMPERATURE
PRODUCT
PACKAGE OPTION
CHANNELS
ACCURACY
RATE (kSPS)
RANGE
ADS130E08
TQFP-64
8
Class 1.0
8
–40°C to +105°C
ADS131E04
TQFP-64
4
Class 0.1
64
–40°C to +105°C
ADS131E06
TQFP-64
6
Class 0.1
64
–40°C to +105°C
ADS131E08
TQFP-64
8
Class 0.1
64
–40°C to +105°C
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
AVDD to AVSS
–0.3 to +5.5
V
DVDD to DGND
–0.3 to +3.9
V
AVSS to DGND
–2.75 to +0.2
V
VREF input to AVSS
AVSS – 0.3 to AVDD + 0.3
V
Analog input to AVSS
AVSS – 0.3 to AVDD + 0.3
V
Digital input voltage to DVDD
–0.3 to DVDD + 0.3
V
Digital output voltage to DGND
–0.3 to DVDD + 0.3
V
Momentary
100
mA
Input current
Continuous
10
mA
Operating, TA
–40 to +105
°C
Temperature
Storage, Tstg
–60 to +150
°C
Maximum junction, TJ
+150
°C
Human body model (HBM)
±1000
V
JEDEC standard 22, test method A114-C.01, all pins
Electrostatic discharge
(ESD) ratings
Charged device model (CDM)
±500
V
JEDEC standard 22, test method C101, all pins
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ADS130E08


Número de pieza similar - ADS130E08IPAG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS130E08IPAG TI1-ADS130E08IPAG Datasheet
1Mb / 50P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
ADS130E08IPAGR TI1-ADS130E08IPAGR Datasheet
1Mb / 50P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
More results

Descripción similar - ADS130E08IPAG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS130E08 TI1-ADS130E08 Datasheet
1Mb / 50P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
[Old version datasheet]   8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
AFE5809 TI-AFE5809 Datasheet
432Kb / 9P
[Old version datasheet]   Analog Front End for Ultrasonic Applications
AFE4400 TI-AFE4400 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4300 TI1-AFE4300 Datasheet
334Kb / 30P
[Old version datasheet]   Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4300PNR TI1-AFE4300PNR Datasheet
309Kb / 30P
[Old version datasheet]   Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4400 TI1-AFE4400_15 Datasheet
2Mb / 87P
[Old version datasheet]   AFE4400 Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4490 TI1-AFE4490_14 Datasheet
2Mb / 96P
[Old version datasheet]   Integrated Analog Front-End for Pulse Oximeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com