Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS130E08IPAG Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS130E08IPAG
Descripción Electrónicos  Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS130E08IPAG Datasheet(HTML) 3 Page - Texas Instruments

  ADS130E08IPAG Datasheet HTML 1Page - Texas Instruments ADS130E08IPAG Datasheet HTML 2Page - Texas Instruments ADS130E08IPAG Datasheet HTML 3Page - Texas Instruments ADS130E08IPAG Datasheet HTML 4Page - Texas Instruments ADS130E08IPAG Datasheet HTML 5Page - Texas Instruments ADS130E08IPAG Datasheet HTML 6Page - Texas Instruments ADS130E08IPAG Datasheet HTML 7Page - Texas Instruments ADS130E08IPAG Datasheet HTML 8Page - Texas Instruments ADS130E08IPAG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
ADS130E08
www.ti.com
SBAS574A – JULY 2012 – REVISED SEPTEMBER 2012
ELECTRICAL CHARACTERISTICS
Minimum and maximum specifications apply from –40°C to +105°C. Typical specifications are at +25°C. All specifications are
at DVDD = 1.8 V, AVDD = 3 V, AVSS = 0 V, VREF = 2.4 V, external fCLK = 2.048 MHz, data rate = 8 kSPS, and gain = 1,
unless otherwise noted.
ADS130E08
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale differential input voltage
±VREF / gain
V
(AINP – AINN)
See the Input Common-Mode Range
Input common-mode range
subsection of the PGA Settings and
Input Range section
CI
Input capacitance
20
pF
IIB
Input bias current
2
nA
DC input impedance
500
M
PGA PERFORMANCE
Gain settings
1, 2, 8
BW
Bandwidth
See Table 1
ADC PERFORMANCE
Resolution
No missing codes
16
Bits
DR
Data rate
fCLK = 2.048 MHz
8
kSPS
CHANNEL PERFORMANCE (DC Performance)
G = 1
86
89
dB
Dynamic range
G = 2 and 8
89
dB
INL
Integral nonlinearity
Full-scale with gain = 1, best fit
3
ppm
EO
Offset error
±350
μV
Offset error drift
0.6
μV/°C
EG
Gain error
Excluding voltage reference error
±0.1
% of FS
Gain drift
Excluding voltage reference drift
3
ppm/°C
Gain match between channels
0.2
% of FS
CHANNEL PERFORMANCE (AC Performance)
CMRR
Common-mode rejection ratio
fCM = 50 Hz and 60 Hz
(1)
–110
dB
PSRR
Power-supply rejection ratio
fPS = 50 Hz and 60 Hz
80
dB
Crosstalk
fIN = 50 Hz and 60 Hz
–105
dB
1:3000 dynamic range with a 1-second
Accuracy
0.5
%
measurement (VRMS / IRMS)
SNR
Signal-to-noise ratio
fIN = 10-Hz input, –0.5 dBFs
89
dB
THD
Total harmonic distortion
10 Hz, –0.5 dBFs
–108
dB
OPEN-CIRCUIT DETECT AND ALARM
Comparator threshold accuracy
±30
mV
EXTERNAL REFERENCE
AVDD = 3 V, VREF = (VREFP – VREFN)
2.5
V
VI(ref)
Reference input voltage
AVDD = 5 V, VREF = (VREFP – VREFN)
4
V
VREFN
Negative input
AVSS
V
VREFP
Positive input
AVSS + 2.5
V
Input impedance
10
k
(1)
CMRR is measured with a common-mode signal of (AVSS + 0.3 V) to (AVDD – 0.3 V). The values indicated are the minimum of the
eight channels.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADS130E08


Número de pieza similar - ADS130E08IPAG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS130E08IPAG TI1-ADS130E08IPAG Datasheet
1Mb / 50P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
ADS130E08IPAGR TI1-ADS130E08IPAGR Datasheet
1Mb / 50P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
More results

Descripción similar - ADS130E08IPAG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS130E08 TI1-ADS130E08 Datasheet
1Mb / 50P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
[Old version datasheet]   8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
AFE5809 TI-AFE5809 Datasheet
432Kb / 9P
[Old version datasheet]   Analog Front End for Ultrasonic Applications
AFE4400 TI-AFE4400 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4300 TI1-AFE4300 Datasheet
334Kb / 30P
[Old version datasheet]   Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4300PNR TI1-AFE4300PNR Datasheet
309Kb / 30P
[Old version datasheet]   Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4400 TI1-AFE4400_15 Datasheet
2Mb / 87P
[Old version datasheet]   AFE4400 Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4490 TI1-AFE4490_14 Datasheet
2Mb / 96P
[Old version datasheet]   Integrated Analog Front-End for Pulse Oximeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com