Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS5A12301EYFPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TS5A12301EYFPR
Descripción Electrónicos  IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A12301EYFPR Datasheet(HTML) 1 Page - Texas Instruments

  TS5A12301EYFPR Datasheet HTML 1Page - Texas Instruments TS5A12301EYFPR Datasheet HTML 2Page - Texas Instruments TS5A12301EYFPR Datasheet HTML 3Page - Texas Instruments TS5A12301EYFPR Datasheet HTML 4Page - Texas Instruments TS5A12301EYFPR Datasheet HTML 5Page - Texas Instruments TS5A12301EYFPR Datasheet HTML 6Page - Texas Instruments TS5A12301EYFPR Datasheet HTML 7Page - Texas Instruments TS5A12301EYFPR Datasheet HTML 8Page - Texas Instruments TS5A12301EYFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
YFP PACKAGE
B
A
2
1
C
B
A
1
2
C
(Laser Marking View)
(Bump View)
TS5A12301E
www.ti.com
SCES707B
– AUGUST 2008 – REVISED APRIL 2011
IEC LEVEL 4 ESD-PROTECTED 0.75-
Ω SPDT ANALOG SWITCH
WITH 1.8-V COMPATIBLE INPUT LOGIC
Check for Samples: TS5A12301E
1
FEATURES
APPLICATIONS
Low ON-State Resistance (0.75
Ω)
Cell Phones
Low Charge Injection
PDAs
Excellent ON-State Resistance Matching
Portable Instrumentation
Isolation in Power-Down Mode, V + = 0
MP3 Players
Specified Break-Before-Make Switching
Portable Media Players
2.25-V to 5.5-V Power Supply (V+)
6-M
Ω Input Pulldown Allows Control Input (IN)
to Be Unconnected
1.8-V Compatible Control Input Threshold
Indepedent of V+
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Performance Tested Per JESD 22
– 3000-V Human-Body Model
Table 1. TERMINAL ASSIGNMENTS
(A114-B, Class II)
C
V+
NC
– 1000-V Charged-Device Model (C101)
B
COM
GND
ESD Performance COM Port to GND
A
IN
NO
– 8000-V Human-Body Model
2
1
(A114-B, Class II)
– ±8-kV Contact Discharge
(IEC 61000-4-2)
– ±15-kV Air-Gap Discharge
(IEC 61000-4-2)
DESCRIPTION/ORDERING INFORMATION
The TS5A12301E is a single-pole double-throw (SPDT) analog switch that is designed to operate from 2.25 V to
5.5 V. The device offers a low ON-state resistance with an excellent channel-to-channel ON-state resistance
matching, and the break-before-make feature to prevent signal distortion during the transferring of a signal from
one path to another.
The device has excellent total harmonic distortion (THD) performance and consumes very low power. These
features make this device suitable for portable audio applications. The control input (IN) pin can be connected to
low-voltage GPIOs, allowing it to be controlled by 1.8-V signals.
The TS5A12301E has
±15-kV Air-Gap Discharge and ±8-kV Contact Discharge ESD protection for the COM port
to GND, which make it compliant with the IEC Level 4 ESD standard (IEC 61000-4-2).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2008–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TS5A12301EYFPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS5A12301EYFPR TI-TS5A12301EYFPR Datasheet
619Kb / 22P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301EYFPR TI-TS5A12301EYFPR Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301EYFPR TI1-TS5A12301EYFPR Datasheet
1Mb / 28P
[Old version datasheet]   DRV2603 ERM/LRA Haptic Driver Evaluation Kit
More results

Descripción similar - TS5A12301EYFPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS5A12301E TI-TS5A12301E_10 Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_15 Datasheet
777Kb / 23P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E Datasheet
619Kb / 22P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI1-TS5A21366_14 Datasheet
1Mb / 30P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_1 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_15 Datasheet
1Mb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A6542 TI-TS5A6542_15 Datasheet
717Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542_09 Datasheet
420Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI1-TS5A6542_14 Datasheet
759Kb / 23P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com