Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS3A5223 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TS3A5223
Descripción Electrónicos  0.45廓 Dual SPDT Bidirectional Analog Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A5223 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TS3A5223_14 Datasheet HTML 4Page - Texas Instruments TS3A5223_14 Datasheet HTML 5Page - Texas Instruments TS3A5223_14 Datasheet HTML 6Page - Texas Instruments TS3A5223_14 Datasheet HTML 7Page - Texas Instruments TS3A5223_14 Datasheet HTML 8Page - Texas Instruments TS3A5223_14 Datasheet HTML 9Page - Texas Instruments TS3A5223_14 Datasheet HTML 10Page - Texas Instruments TS3A5223_14 Datasheet HTML 11Page - Texas Instruments TS3A5223_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Channel OFF: NO to COM
VI = VIH or VIL
Network Analyzer Setup
Source Power = 0 dBM
(632- mV P-P at 50-
load)
+
DC Bias = 350 mV
IN
VNO
NO
VI
VCOM
COM
GND
V+
50
50
Source
Signal
NETWORK ANALYZER
50
VNC
NC
VNO
NO
IN
+
Channel ON: NC to COM
Channel OFF: NO to COM
VI = VIH or VIL
Network Analyzer Setup
Source Power = 0 dBM
(632- mVP-P at 50-
load)
DC Bias = 350 mV
VI
COM
VCOM
50
Source
Signal
NETWORK ANALYZER
50
GND
V+
TS3A5223
SCDS339A – JANUARY 2013 – REVISED FEBRUARY 2013
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 12. Crosstalk(XTALK)
Figure 13. OFF Isolation (OISO)
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TS3A5223


Número de pieza similar - TS3A5223_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS3A5223 TI-TS3A5223_15 Datasheet
852Kb / 14P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
More results

Descripción similar - TS3A5223_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS3A5223 TI-TS3A5223_15 Datasheet
852Kb / 14P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
TS3A5223 TI-TS3A5223 Datasheet
871Kb / 14P
[Old version datasheet]   0.45ohm Dual SPDT Bidirectional Analog Switch
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
   0.4廓 Dual SPDT Analog Switch
logo
Texas Instruments
TS5A23157-Q1 TI-TS5A23157-Q1_15 Datasheet
747Kb / 20P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
logo
Protek Devices
PA2535 PROTEC-PA2535 Datasheet
144Kb / 9P
   0.35廓 Dual SPDT Analog Switch
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG2717 VISHAY-DG2717 Datasheet
124Kb / 8P
   Low-Voltage, 0.45-Ω, SPDT Analog Switch
Rev. B, 30-Apr-07
logo
Texas Instruments
TS5A23157 TI-TS5A23157_15 Datasheet
1,016Kb / 30P
[Old version datasheet]   TS5A23157 Dual 10-廓 SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com