Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS2DDR2811ZXYR Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TS2DDR2811ZXYR
Descripción Electrónicos  1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TS2DDR2811ZXYR Datasheet(HTML) 1 Page - Texas Instruments

  TS2DDR2811ZXYR Datasheet HTML 1Page - Texas Instruments TS2DDR2811ZXYR Datasheet HTML 2Page - Texas Instruments TS2DDR2811ZXYR Datasheet HTML 3Page - Texas Instruments TS2DDR2811ZXYR Datasheet HTML 4Page - Texas Instruments TS2DDR2811ZXYR Datasheet HTML 5Page - Texas Instruments TS2DDR2811ZXYR Datasheet HTML 6Page - Texas Instruments TS2DDR2811ZXYR Datasheet HTML 7Page - Texas Instruments TS2DDR2811ZXYR Datasheet HTML 8Page - Texas Instruments TS2DDR2811ZXYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
A
1
2
3
4
5
B
C
D
TS2DDR2811
www.ti.com
SCDS294 – DECEMBER 2009
1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
Check for Samples: TS2DDR2811
1
FEATURES
ZXY PACKAGE
Wide Bandwidth (BW = 1100 MHz Typ)
(BOTTOM VIEW)
Low Crosstalk (XTALK = –37 dB Typ)
Low Bit-to-Bit Skew (tsk(o) = 100 ps Max)
Low and Flat ON-State Resistance
(rON = 4 Ω Typ, rON(flat) = 0.5 Ω Typ)
Low Input/Output Capacitance
(CON = 8 pF Typ)
Rail-to-Rail Switching on Data I/O Ports
(0 V to 5 V)
VCC Operating Range From 3 V to 3.6 V
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
TERMINAL ASSIGNMENTS
ESD Performance Tested Per JESD 22
D
B6
B5
B3
SEL
B0
2000-V Human-Body Model
C
B 7
B4
B2
B1
N.C.
(A114-B, Class II)
B
GND
A5
A3
A1
VCC
1000-V Charged-Device Model (C101)
A
A7
A6
A4
A2
A0
1
2
3
4
5
APPLICATIONS
DDR2 Signal Switching
GbE LAN Signal Switching
Hub and Router Signal Switching
Audio/Video Switching
DESCRIPTION/ORDERING INFORMATION
The TS2DDR2811 is a 8-channel single-pole single-throw (SPST) signal switch capable of switching signals with
bandwidth in excess of 1 GHz. The device includes a select pin (SEL) that is used to select any 1 of the 8
channel inputs. This select pin controls the data path of the SPST switch. The device provides a low and flat
ON-state resistance (rON) and an excellent ON-state resistance match. Low input/output capacitance, high
bandwidth, low skew, and low crosstalk among channels make this device suitable for various high-bandwidth
applications, such as DDR2, 10/100/1000 Base-T, audio, and video.
Table 1. ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
BGA – ZXY
Tape and reel
TS2DDR2811ZXYR
SJ811
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TS2DDR2811ZXYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS2DDR2811ZXYR TI-TS2DDR2811ZXYR Datasheet
230Kb / 13P
[Old version datasheet]   1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
More results

Descripción similar - TS2DDR2811ZXYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS2DDR2811 TI-TS2DDR2811 Datasheet
230Kb / 13P
[Old version datasheet]   1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
logo
Stanford Microdevices
SSW-524 STANFORD-SSW-524 Datasheet
198Kb / 3P
   DC - 8 GHZ GAAS MMIC SPST SWITCH
logo
Texas Instruments
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597_15 Datasheet
685Kb / 17P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
logo
Pericom Semiconductor C...
PI3A125B PERICOM-PI3A125B Datasheet
343Kb / 8P
   SPST Wide Bandwidth Analog Switch
logo
Texas Instruments
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX335 MAXIM-MAX335 Datasheet
121Kb / 12P
   Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 2; 7/96
logo
Texas Instruments
TS5A4594 TI-TS5A4594_15 Datasheet
869Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX335 MAXIM-MAX335_V01 Datasheet
943Kb / 14P
   Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 4; 7/17
logo
Texas Instruments
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com