Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AHC4066RGYR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AHC4066RGYR
Descripción Electrónicos  QUADRUPLE BILATERAL ANALOG SWITCH
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC4066RGYR Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHC4066RGYR Datasheet HTML 1Page - Texas Instruments SN74AHC4066RGYR Datasheet HTML 2Page - Texas Instruments SN74AHC4066RGYR Datasheet HTML 3Page - Texas Instruments SN74AHC4066RGYR Datasheet HTML 4Page - Texas Instruments SN74AHC4066RGYR Datasheet HTML 5Page - Texas Instruments SN74AHC4066RGYR Datasheet HTML 6Page - Texas Instruments SN74AHC4066RGYR Datasheet HTML 7Page - Texas Instruments SN74AHC4066RGYR Datasheet HTML 8Page - Texas Instruments SN74AHC4066RGYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
SN74AHC4066
QUADRUPLE BILATERAL ANALOG SWITCH
SCLS511 − JUNE 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V V
CC Operation
D Supports Mixed-Mode Voltage Operation on
All Ports
D High On-Off Output-Voltage Ratio
D Low Crosstalk Between Switches
D Individual Switch Controls
D Extremely Low Input Current
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
This quadruple silicon-gate CMOS analog switch
is designed for 2-V to 5.5-V VCC operation.
This switch is designed to handle both analog and
digital signals. Each switch permits signals with
amplitudes up to 5.5 V (peak) to be transmitted in
either direction.
Each switch section has its own enable-input
control (C). A high-level voltage applied to C turns
on the associated switch section.
Applications include signal gating, chopping,
modulation or demodulation (modem), and signal
multiplexing
for
analog-to-digital
and
digital-to-analog conversion systems.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74AHC4066N
SN74AHC4066N
QFN − RGY
Tape and reel
SN74AHC4066RGYR
HA4066
SOIC
D
Tube
SN74AHC4066D
AHC4066
SOIC − D
Tape and reel
SN74AHC4066DR
AHC4066
SOP
NS
Tube
SN74AHC4066NS
AHC4066
−40
°C to 85°C
SOP − NS
Tape and reel
SN74AHC4066NSR
AHC4066
SSOP
DB
Tube
SN74AHC4066DB
HA4066
SSOP − DB
Tape and reel
SN74AHC4066DBR
HA4066
TSSOP
PW
Tube
SN74AHC4066PW
HA4066
TSSOP − PW
Tape and reel
SN74AHC4066PWR
HA4066
TVSOP − DGV
Tape and reel
SN74AHC4066DGVR
HA4066
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
© 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2B
2A
2C
3C
GND
VCC
1C
4C
4A
4B
3B
3A
D, DB, DGV, N, NS, OR PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
114
78
2
3
4
5
6
13
12
11
10
9
1C
4C
4A
4B
3B
1B
2B
2A
2C
3C
NC − No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Número de pieza similar - SN74AHC4066RGYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AHC4066RGYR TI-SN74AHC4066RGYR Datasheet
540Kb / 10P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066RGYR TI-SN74AHC4066RGYR Datasheet
832Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066RGYR TI-SN74AHC4066RGYR Datasheet
984Kb / 27P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066RGYRG4 TI-SN74AHC4066RGYRG4 Datasheet
832Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results

Descripción similar - SN74AHC4066RGYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
418Kb / 17P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066 Datasheet
540Kb / 10P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74HC4066 TI-SN74HC4066_07 Datasheet
577Kb / 20P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066 Datasheet
204Kb / 7P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
153Kb / 10P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHCT4066 UTC-U74AHCT4066_15 Datasheet
227Kb / 6P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066_15 Datasheet
796Kb / 21P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066_15 Datasheet
984Kb / 27P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066_07 Datasheet
832Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com