Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM6511IM Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM6511IM
Descripción Electrónicos  180 ns 3V Comparator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM6511IM Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM6511IM Datasheet HTML 4Page - Texas Instruments LM6511IM Datasheet HTML 5Page - Texas Instruments LM6511IM Datasheet HTML 6Page - Texas Instruments LM6511IM Datasheet HTML 7Page - Texas Instruments LM6511IM Datasheet HTML 8Page - Texas Instruments LM6511IM Datasheet HTML 9Page - Texas Instruments LM6511IM Datasheet HTML 10Page - Texas Instruments LM6511IM Datasheet HTML 11Page - Texas Instruments LM6511IM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
1-Nov-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM6511IM
NRND
SOIC
D
8
95
TBD
Call TI
Call TI
-40 to 85
LM65
11IM
LM6511IM/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 85
LM65
11IM
LM6511IMX/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 85
LM65
11IM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and


Número de pieza similar - LM6511IM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM6511IM NSC-LM6511IM Datasheet
152Kb / 7P
   180 ns 3V Comparator
LM6511IM NSC-LM6511IM Datasheet
150Kb / 6P
   180 ns 3V Comparator
logo
Texas Instruments
LM6511IM TI-LM6511IM Datasheet
809Kb / 13P
[Old version datasheet]   LM6511 180 ns 3V Comparator
logo
National Semiconductor ...
LM6511IMX NSC-LM6511IMX Datasheet
150Kb / 6P
   180 ns 3V Comparator
logo
Texas Instruments
LM6511IMX TI-LM6511IMX Datasheet
809Kb / 13P
[Old version datasheet]   LM6511 180 ns 3V Comparator
More results

Descripción similar - LM6511IM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM6511 NSC-LM6511 Datasheet
152Kb / 7P
   180 ns 3V Comparator
LM6511 NSC-LM6511_03 Datasheet
150Kb / 6P
   180 ns 3V Comparator
logo
Texas Instruments
LM6511IM TI-LM6511IM Datasheet
809Kb / 13P
[Old version datasheet]   LM6511 180 ns 3V Comparator
logo
Analog Devices
AD8561AR-REEL AD-AD8561AR-REEL Datasheet
650Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
REV. A
AD8564 AD-AD8564_07 Datasheet
260Kb / 12P
   Quad 7 ns Single Supply Comparator
REV. B
AD8561 AD-AD8561_15 Datasheet
662Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
Rev. B
AD8561 AD-AD8561_13 Datasheet
650Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
REV. A
AD8561 AD-AD8561 Datasheet
105Kb / 11P
   Ultrafast 7 ns Single Supply Comparator
REV. 0
AD8598 AD-AD8598 Datasheet
137Kb / 11P
   Dual 7 ns Single Supply Comparator
REV. A
AD8564 AD-AD8564 Datasheet
115Kb / 8P
   Quad 7 ns Single Supply Comparator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com