Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5807URS Datasheet(PDF) 6 Page - Microsemi Corporation

No. de pieza 1N5807URS
Descripción Electrónicos  VOIDLESS - HERMETICALLY- SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5807URS Datasheet(HTML) 6 Page - Microsemi Corporation

  1N5807URS Datasheet HTML 1Page - Microsemi Corporation 1N5807URS Datasheet HTML 2Page - Microsemi Corporation 1N5807URS Datasheet HTML 3Page - Microsemi Corporation 1N5807URS Datasheet HTML 4Page - Microsemi Corporation 1N5807URS Datasheet HTML 5Page - Microsemi Corporation 1N5807URS Datasheet HTML 6Page - Microsemi Corporation 1N5807URS Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Bussiness Park, Ennis, Co. Clare, Ireland.
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0168 Rev. 2 (111089)
Page 6 of 7
PACKAGE DIMENSIONS
PAD LAYOUT
NOTE 1:
1. Dimensions are in inches.
2. Millimeters are given for general information only.
3. Dimensions are pre-solder dip.
4. Minimum clearance of glass body to mounting surface on all orientations.
5. Cathode marking to be either in color band, three dots spaced equally, or a color dot on the face of the end tab.
6. Color dots will be .020 inch (0.51 mm) diameter minimum and those on the face of the end tab shall not lie
within .020 inch (0.51 mm) of the mounting surface.
7. In accordance with ASME Y14.5M, diameters are equivalent to
x symbology.
NOTE 2: This Package Outline has also previously been identified as “D-5B”
FIGURE 2A. Physical dimensions of US surface mount family
INCHES
mm
A
0.288
7.32
B
0.070
1.78
C
0.155
3.94
Note: If mounting requires
adhesive separate from the
solder, an additional 0.080 inch
diameter contact may be placed
in the center between the pads as
an optional spot for cement.
Dimensions
Ltr
1N5807US,
1N5809US, 1N5811US
Notes
Inches
Millimeters
Min
Max
Min
Max
BD
.137
.148
3.84
3.76
BL
.200
.225
5.08
5.72
ECT
.019
.028
0.48
0.71
S
.003
0.08


Número de pieza similar - 1N5807URS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensitron
1N5807US SENSITRON-1N5807US Datasheet
42Kb / 2P
   HIGH EFFICIENTCY AXIAL LEAD RECTIFIERS
logo
Microsemi Corporation
1N5807US MICROSEMI-1N5807US Datasheet
399Kb / 3P
   SURFACE MOUNT VOIDLESSHERMETICALLY- SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
logo
Semtech Corporation
1N5807US SEMTECH-1N5807US Datasheet
110Kb / 2P
   Superfast Recovery Diodes Surface Mount (US)
logo
Microsemi Corporation
1N5807US MICROSEMI-1N5807US Datasheet
166Kb / 3P
   SURFACE MOUNT VOIDLESSHERMETICALLY-SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
logo
EIC discrete Semiconduc...
1N5807US EIC-1N5807US Datasheet
100Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER DIODES
More results

Descripción similar - 1N5807URS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N5807 MICROSEMI-1N5807_10 Datasheet
132Kb / 7P
   VOIDLESS - HERMETICALLY- SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
1N5802 MICROSEMI-1N5802_07 Datasheet
151Kb / 2P
   VOIDLESS-HERMETICALLY-SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
1N5807CB MICROSEMI-1N5807CB Datasheet
215Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N6661 MICROSEMI-1N6661 Datasheet
128Kb / 2P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
1N3611JANTX MICROSEMI-1N3611JANTX Datasheet
226Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
JANTX1N4946 MICROSEMI-JANTX1N4946 Datasheet
268Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N4942 MICROSEMI-1N4942_04 Datasheet
252Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5415 MICROSEMI-1N5415_08 Datasheet
225Kb / 3P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5186 MICROSEMI-1N5186_08 Datasheet
106Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com