Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5284 Datasheet(PDF) 6 Page - Microsemi Corporation

No. de pieza 1N5284
Descripción Electrónicos  CURRENT REGULATOR DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5284 Datasheet(HTML) 6 Page - Microsemi Corporation

  1N5284 Datasheet HTML 1Page - Microsemi Corporation 1N5284 Datasheet HTML 2Page - Microsemi Corporation 1N5284 Datasheet HTML 3Page - Microsemi Corporation 1N5284 Datasheet HTML 4Page - Microsemi Corporation 1N5284 Datasheet HTML 5Page - Microsemi Corporation 1N5284 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
T4-LDS-0159, Rev. 2 (111541)
©2011 Microsemi Corporation
Page 6 of 6
1N5283-1 thru 1N5314-1
PACKAGE DIMENSIONS
Symbol
Dimensions
Inch
Millimeters
Min
Max
Min
Max
BD
.060
.107
1.52
2.72
BL
.120
.300
3.05
7.62
LD
.018
.023
0.46
0.58
LL
1.000
1.500
25.40
38.10
LL1
0.050
1.27
NOTES:
1. Dimensions are in inches.
2. Millimeters are given for general information only.
3. The minimum body diameter shall be maintained over .15 inch (3.81 mm) inch of body length.
4. The specified lead diameter applies in the zone between .050 inch (1.27 mm) and the end of the lead.
Outside of this zone the lead diameter shall not exceed LD.
5. Both leads shall be within the specified dimension.
6. See 3.3 for L and TL definitions.
7. In accordance with ASME Y14.5M, diameters are equivalent to
Φx symbology.


Número de pieza similar - 1N5284

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
1N5284 MOTOROLA-1N5284 Datasheet
119Kb / 5P
   CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
1N5284 CDI-DIODE-1N5284 Datasheet
30Kb / 2P
   CURRENT REGULATOR DIODES
logo
Knox Semiconductor, Inc
1N5284 KNOX-1N5284 Datasheet
37Kb / 1P
   CURRENT LIMITER FIELD EFFECT DIODES
logo
Microsemi Corporation
1N5284 MICROSEMI-1N5284 Datasheet
97Kb / 2P
   HIGH RELIABILITY CURRENT REGULATOR DIODES
1N5284 MICROSEMI-1N5284 Datasheet
34Kb / 1P
   CURRENT REGULATOR DIODES
More results

Descripción similar - 1N5284

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Compensated Deuices Inc...
1N5283 CDI-DIODE-1N5283 Datasheet
30Kb / 2P
   CURRENT REGULATOR DIODES
logo
Digitron Semiconductors
1N5283 DIGITRON-1N5283 Datasheet
132Kb / 3P
   CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
DCR250 CDI-DIODE-DCR250 Datasheet
15Kb / 1P
   CURRENT REGULATOR DIODES
logo
Microsemi Corporation
JAN1N5283-1 MICROSEMI-JAN1N5283-1 Datasheet
223Kb / 6P
   CURRENT REGULATOR DIODES
1N5283 MICROSEMI-1N5283_10 Datasheet
30Kb / 1P
   CURRENT REGULATOR DIODES
logo
New Jersey Semi-Conduct...
J500 NJSEMI-J500 Datasheet
632Kb / 2P
   Current Regulator Diodes
2N5283 NJSEMI-2N5283 Datasheet
196Kb / 2P
   CURRENT REGULATOR DIODES
logo
Motorola, Inc
1N5283 MOTOROLA-1N5283 Datasheet
119Kb / 5P
   CURRENT REGULATOR DIODES
logo
Vishay Siliconix
J510-E3 VISHAY-J510-E3 Datasheet
44Kb / 5P
   Current Regulator Diodes
Rev. F, 02-Jul-01
logo
Microsemi Corporation
DCR250 MICROSEMI-DCR250 Datasheet
19Kb / 1P
   CURRENT REGULATOR DIODES
CDLL250 MICROSEMI-CDLL250 Datasheet
19Kb / 1P
   CURRENT REGULATOR DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com