Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5295 Datasheet(PDF) 3 Page - Microsemi Corporation

No. de pieza 1N5295
Descripción Electrónicos  CURRENT REGULATOR DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5295 Datasheet(HTML) 3 Page - Microsemi Corporation

  1N5295 Datasheet HTML 1Page - Microsemi Corporation 1N5295 Datasheet HTML 2Page - Microsemi Corporation 1N5295 Datasheet HTML 3Page - Microsemi Corporation 1N5295 Datasheet HTML 4Page - Microsemi Corporation 1N5295 Datasheet HTML 5Page - Microsemi Corporation 1N5295 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
T4-LDS-0159, Rev. 2 (111541)
©2011 Microsemi Corporation
Page 3 of 6
1N5283-1 thru 1N5314-1
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
TYPE
NUMBER
REGULATOR CURRENT
IS (mA) @ VS = 25 V
MINIMUM
DYNAMIC
IMPEDANCE
@VS = 25 V
zs (M
Ω)
(Note 1)
MINIMUM
KNEE
IMPEDANCE
@VK = 6.0 V
zk (MΩ)
(Note 2)
MAXIMUM
LIMITING
VOLTAGE
@ lL = 0.8 IS
(min)
VL (Volts)
NOM
MIN
MAX
1N5283
1N5284
1N5285
1N5286
1N5287
0.22
0.24
0.27
0.30
0.33
0.198
0.216
0.243
0.270
0.297
0.242
0.264
0.297
0.330
0.363
25.00
19.00
14.00
9.000
6.600
2.750
2.350
1.950
1.600
1.350
1.00
1.00
1.00
1.00
1.00
1N5288
1N5289
1N5290
1N5291
1N5292
0.39
0.43
0.47
0.56
0.62
0.351
0.387
0.423
0.504
0.558
0.429
0.473
0.517
0.616
0.682
4.100
3.300
2.700
1.900
1.550
1.000
0.870
0.750
0.560
0.470
1.05
1.05
1.05
1.10
1.13
1N5293
1N5294
1N5295
1N5296
1N5297
0.68
0.75
0.82
0.91
1.00
0.612
0.675
0.738
0.819
0.900
0.748
0.825
0.902
1.001
1.100
1.350
1.150
1.000
0.880
0.800
0.400
0.335
0.290
0.240
0.205
1.15
1.20
1.25
1.29
1.35
1N5298
1N5299
1N5300
1N5301
1N5302
1.10
1.20
1.30
1.40
1.50
0.990
1.080
1.170
1.260
1.350
1.210
1.320
1.430
1.540
1.650
0.700
0.640
0.580
0.540
0.510
0.180
0.155
0.135
0.115
0.105
1.40
1.45
1.50
1.55
1.60
1N5303
1N5304
1N5305
1N5306
1N5307
1.60
1.80
2.00
2.20
2.40
1.440
1.620
1.800
1.980
2.160
1.760
1.980
2.200
2.420
2.640
0.475
0.420
0.395
0.370
0.345
0.092
0.074
0.061
0.052
0.044
1.65
1.75
1.85
1.95
2.00
1N5308
1N5309
1N5310
1N5311
1N5312
2.70
3.00
3.30
3.60
3.90
2.430
2.700
2.970
3.240
3.510
2.970
3.300
3.630
3.960
4.290
0.320
0.300
0.280
0.265
0.255
0.035
0.029
0.024
0.020
0.017
2.15
2.25
2.35
2.50
2.60
1N5313
1N5314
4.30
4.70
3.870
4.230
4.730
5.170
0.245
0.235
0.014
0.012
2.75
2.90
NOTE 1: zs is derived by superimposing a 90 Hz RMS signal equal to 10% of V S on V S.
NOTE 2: zk is derived by superimposing a 90 Hz RMS signal equal to 10% of V K on V K.


Número de pieza similar - 1N5295

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
1N5295 MOTOROLA-1N5295 Datasheet
119Kb / 5P
   CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
1N5295 CDI-DIODE-1N5295 Datasheet
30Kb / 2P
   CURRENT REGULATOR DIODES
logo
Knox Semiconductor, Inc
1N5295 KNOX-1N5295 Datasheet
37Kb / 1P
   CURRENT LIMITER FIELD EFFECT DIODES
logo
Microsemi Corporation
1N5295 MICROSEMI-1N5295 Datasheet
97Kb / 2P
   HIGH RELIABILITY CURRENT REGULATOR DIODES
1N5295 MICROSEMI-1N5295 Datasheet
34Kb / 1P
   CURRENT REGULATOR DIODES
More results

Descripción similar - 1N5295

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Compensated Deuices Inc...
1N5283 CDI-DIODE-1N5283 Datasheet
30Kb / 2P
   CURRENT REGULATOR DIODES
logo
Digitron Semiconductors
1N5283 DIGITRON-1N5283 Datasheet
132Kb / 3P
   CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
DCR250 CDI-DIODE-DCR250 Datasheet
15Kb / 1P
   CURRENT REGULATOR DIODES
logo
Microsemi Corporation
JAN1N5283-1 MICROSEMI-JAN1N5283-1 Datasheet
223Kb / 6P
   CURRENT REGULATOR DIODES
1N5283 MICROSEMI-1N5283_10 Datasheet
30Kb / 1P
   CURRENT REGULATOR DIODES
logo
New Jersey Semi-Conduct...
J500 NJSEMI-J500 Datasheet
632Kb / 2P
   Current Regulator Diodes
2N5283 NJSEMI-2N5283 Datasheet
196Kb / 2P
   CURRENT REGULATOR DIODES
logo
Motorola, Inc
1N5283 MOTOROLA-1N5283 Datasheet
119Kb / 5P
   CURRENT REGULATOR DIODES
logo
Vishay Siliconix
J510-E3 VISHAY-J510-E3 Datasheet
44Kb / 5P
   Current Regulator Diodes
Rev. F, 02-Jul-01
logo
Microsemi Corporation
DCR250 MICROSEMI-DCR250 Datasheet
19Kb / 1P
   CURRENT REGULATOR DIODES
CDLL250 MICROSEMI-CDLL250 Datasheet
19Kb / 1P
   CURRENT REGULATOR DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com