Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM306PE4 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza LM306PE4
Descripción Electrónicos  Fast Response Times Improved Gain and Accuracy
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM306PE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM306PE4 Datasheet HTML 4Page - Texas Instruments LM306PE4 Datasheet HTML 5Page - Texas Instruments LM306PE4 Datasheet HTML 6Page - Texas Instruments LM306PE4 Datasheet HTML 7Page - Texas Instruments LM306PE4 Datasheet HTML 8Page - Texas Instruments LM306PE4 Datasheet HTML 9Page - Texas Instruments LM306PE4 Datasheet HTML 10Page - Texas Instruments LM306PE4 Datasheet HTML 11Page - Texas Instruments LM306PE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LM306
DIFFERENTIAL COMPARATOR WITH STROBES
SLCS008A − OCTOBER 1979 − REVISED OCTOBER 1991
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Figure 11
5
4
1
0
9
10
11
1213
1415
7
9
POSITIVE SUPPLY CURRENT
vs
POSITIVE SUPPLY VOLTAGE
10
16
17
3
8
6
2
VID = − 5 mV
VID = 5 mV
VCC + − Positive Supply Voltage − V
RL = ∞
TA = 25°C
VCC − = − 3 V to − 12 V
Figure 12
2
1
0
0
− 2
− 4− 6− 8
− 10
3
NEGATIVE SUPPLY CURRENT
vs
NEGATIVE SUPPLY VOLTAGE
4
− 12
− 14
− 16
VCC − − Negative Supply Voltage − V
VCC + = 12 V
RL = ∞
TA = 25°C
60
40
20
0
010
20
40
50
80
100
TOTAL POWER DISSIPATION
vs
FREE-AIR TEMPERATURE
120
60
70
TA − Free-Air Temperature − °C
VID = − 8 mV
VID = 8 mV
30
VCC + = 12 V
VCC − = − 6 V
RL = ∞
Figure 13


Número de pieza similar - LM306PE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM306 NSC-LM306 Datasheet
97Kb / 6P
   Voltage Comparator
More results

Descripción similar - LM306PE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
EAPDLP04SCAA2 EVERLIGHT-EAPDLP04SCAA2 Datasheet
317Kb / 6P
   Fast response times
logo
MKS Instruments.
AA02A MKS-AA02A Datasheet
270Kb / 4P
   All-digital architecture and improved thermal management provides better long-term stability, improved accuracy and increased reliability
logo
Texas Instruments
TMS320F28069 TI1-TMS320F28069_16 Datasheet
2Mb / 177P
[Old version datasheet]   Fast Interrupt Response and Processing
logo
National Semiconductor ...
LP38855 NSC-LP38855 Datasheet
359Kb / 14P
   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
Texas Instruments
LP38856 TI1-LP38856_14 Datasheet
2Mb / 20P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38852-ADJ TI1-LP38852-ADJ_16 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
logo
National Semiconductor ...
LP38856 NSC-LP38856 Datasheet
835Kb / 14P
   3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
Texas Instruments
LP38855 TI-LP38855_15 Datasheet
2Mb / 20P
[Old version datasheet]   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38852-ADJ TI1-LP38852-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
LP38853 TI1-LP38853_15 Datasheet
1Mb / 30P
[Old version datasheet]   3-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com