Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMV601 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMV601
Descripción Electrónicos  MHz, Low Power General Purpose, 2.7V Operational Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMV601 Datasheet(HTML) 4 Page - Texas Instruments

  LMV601 Datasheet HTML 1Page - Texas Instruments LMV601 Datasheet HTML 2Page - Texas Instruments LMV601 Datasheet HTML 3Page - Texas Instruments LMV601 Datasheet HTML 4Page - Texas Instruments LMV601 Datasheet HTML 5Page - Texas Instruments LMV601 Datasheet HTML 6Page - Texas Instruments LMV601 Datasheet HTML 7Page - Texas Instruments LMV601 Datasheet HTML 8Page - Texas Instruments LMV601 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LMV601, LMV602, LMV604
SNOSC70B – APRIL 2012 – REVISED MARCH 2013
www.ti.com
2.7V AC Electrical Characteristics
(1)
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 2.7V, V= 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
SR
Slew Rate
RL = 10kΩ,
(4)
1.0
V/
μs
GBW
Gain Bandwidth Product
RL = 100kΩ, CL = 200pF
1.0
MHz
Φm
Phase Margin
RL = 100kΩ
72
deg
Gm
Gain Margin
RL = 100kΩ
20
dB
en
Input-Referred Voltage Noise
f = 1kHz
40
nV/
√Hz
in
Input-Referred Current Noise
f = 1kHz
0.001
pA/
√Hz
THD
Total Harmonic Distortion
f = 1kHz, AV = +1
0.017
%
RL = 600Ω, VIN = 1VPP
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No assurance of parametric performance is indicated in the electrical tables under
conditions of internal self heating where TJ > TA.
(2)
All limits are ensured by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(4)
Connected as voltage follower with 2VPP step input. Number specified is the slower of the positive and negative slew rates.
5V DC Electrical Characteristics
(1)
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 5V, V= 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
VOS
Input Offset
LMV601
0.25
4
mV
Voltage
LMV602/LMV604
0.70
5
TCVOS
Input Offset
Voltage Average
1.9
µV/°C
Drift
IB
Input Bias Current
0.02
pA
IOS
Input Offset
6.6
fA
Current
IS
Supply Current
Per Amplifier
107
200
μA
Shutdown Mode,
VSD = 0V
0.033
1
μA
(LMV601)
CMRR
Common Mode
0V
≤ VCM ≤ 4.0V
86
dB
Rejection Ratio
0V
≤ VCM ≤ 3.9V
PSRR
Power Supply
2.7V
≤ V+ ≤ 5V
82
dB
Rejection Ratio
VCM
Input Common
For CMRR
0
−0.2 to 4.2
4
V
Mode Voltage
50dB
(Range)
AV
Large Signal
RL = 10kΩ to 2.5V
116
dB
Voltage Gain(4)
VO
Output Swing
RL = 10kΩ to 2.5V
7
30
mV
30
7
IO
Output Short
Sourcing
113
mA
Circuit Current
Sinking
75
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No assurance of parametric performance is indicated in the electrical tables under
conditions of internal self heating where TJ > TA.
(2)
All limits are ensured by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(4)
RL is connected to mid-supply. The output voltage is GND + 0.2V ≤ VO ≤ V
+ −0.2V
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMV601 LMV602 LMV604


Número de pieza similar - LMV601

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV601 TI1-LMV601 Datasheet
1,004Kb / 19P
[Old version datasheet]   1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
logo
National Semiconductor ...
LMV601 NSC-LMV601 Datasheet
1Mb / 27P
   Low Power General Purpose, 2.7V Operational Amplifiers
logo
Texas Instruments
LMV601MG TI1-LMV601MG Datasheet
1,004Kb / 19P
[Old version datasheet]   1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
LMV601MG/NOPB TI1-LMV601MG/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   LMV60x 1-MHz, Low-Power, General-Purpose, 2.7-V Operational Amplifiers
logo
National Semiconductor ...
LMV601MGNOPB NSC-LMV601MGNOPB Datasheet
1Mb / 27P
   Low Power General Purpose, 2.7V Operational Amplifiers
More results

Descripción similar - LMV601

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV601 TI1-LMV601 Datasheet
1,004Kb / 19P
[Old version datasheet]   1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
logo
National Semiconductor ...
LMV601 NSC-LMV601 Datasheet
1Mb / 27P
   Low Power General Purpose, 2.7V Operational Amplifiers
logo
Texas Instruments
LMV601 TI-LMV601_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMV601/LMV602/LMV604 1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
LMV612 TI1-LMV612 Datasheet
1Mb / 28P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611 TI1-LMV611 Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
logo
STMicroelectronics
LMV321LICT STMICROELECTRONICS-LMV321LICT Datasheet
642Kb / 20P
   Low-power, general-purpose operational amplifiers
logo
National Semiconductor ...
LMV611 NSC-LMV611 Datasheet
1Mb / 28P
   Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
logo
Texas Instruments
LMV601 TI1-LMV601_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMV60x 1-MHz, Low-Power, General-Purpose, 2.7-V Operational Amplifiers
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
   Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Rohm
BD1321G ROHM-BD1321G Datasheet
522Kb / 22P
   Ground Sense Low Power General Purpose Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com