Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8509IBDWRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS8509IBDWRG4
Descripción Electrónicos  16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8509IBDWRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8509IBDWRG4 Datasheet HTML 2Page - Texas Instruments ADS8509IBDWRG4 Datasheet HTML 3Page - Texas Instruments ADS8509IBDWRG4 Datasheet HTML 4Page - Texas Instruments ADS8509IBDWRG4 Datasheet HTML 5Page - Texas Instruments ADS8509IBDWRG4 Datasheet HTML 6Page - Texas Instruments ADS8509IBDWRG4 Datasheet HTML 7Page - Texas Instruments ADS8509IBDWRG4 Datasheet HTML 8Page - Texas Instruments ADS8509IBDWRG4 Datasheet HTML 9Page - Texas Instruments ADS8509IBDWRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADS8509
SLAS324C – OCTOBER 2004 – REVISED APRIL 2010
www.ti.com
Terminal Functions
TERMINAL
DESCRIPTION
NAME
DB NO.
DW NO.
I/O
AGND1
2
2
Analog ground. Used internally as ground reference point. Minimal current flow.
AGND2
9
7
Analog ground
BUSY
25
17
O
Busy output. Falls when a conversion is started and remains low until the conversion is completed
and the data is latched into the output shift register.
CAP
6
5
Reference buffer capacitor. 2.2-mF Tantalum to ground.
CS
24
16
Chip select. Internally ORed with R/C.
DATA
17
13
O
Serial data output. Data is synchronized to DATACLK with the format determined by the level of
SB/BTC. In the external clock mode, after 16 bits of data, the ADS8509 outputs the level input on
TAG as long as CS is low and R/C is high (see Figure 8 and Figure 9). If EXT/INT is low, data is
valid on both the rising and falling edges of DATACLK, and between conversions DATA stays at
the level of the TAG input when the conversion was started.
DATACLK
16
12
I/O
Either an input or an output depending on the EXT/INT level. Output data is synchronized to this
clock. If EXT/INT is low, DATACLK transmits 16 pulses after each conversion and then remains
low between conversions.
DGND
14
10
Digital ground
EXT/INT
13
9
Selects external or internal clock for transmitting data. If high, data is output synchronized to the
clock input on DATACLK. If low, a convert command initiates the transmission of the data from the
previous conversion, along with 16-clock pulses output on DATACLK.
NC
5, 8, 10,
No connect
11, 18,
20, 22,
23
PWRD
26
18
I
Power down input. If high, conversions are inhibited and power consumption is significantly
reduced. Results from the previous conversion are maintained in the output shift register.
R/C
21
15
I
Read/convert input. With CS low, a falling edge on R/C puts the internal sample-and-hold into the
hold state and starts a conversion. When EXT/INT is low, this also initiates the transmission of the
data results from the previous conversion. If EXT/INT is high, a rising edge on R/C with CS low or
a falling edge on CS with R/C high transmits a pulse on SYNC and initiates the transmission of
data from the previous conversion.
REF
7
6
I/O
Reference input/output. Outputs internal 2.5-V reference. Can also be driven by external system
reference. In both cases, bypass to ground with a 2.2-mF tantalum capacitor.
R1IN
1
1
I
Analog input. See Table 2 for input range connections.
R2IN
3
3
I
Analog input. See Table 2 for input range connections.
R3IN
4
4
I
Analog input. See Table 2 for input range connections.
SB/BTC
12
8
I
Select straight binary or binary 2's complement data output format. If high, data is output in a
straight binary format. If low, data is output in a binary 2's complement format.
SYNC
15
11
O
Sync output. This pin is used to supply a data synchronization pulse when the EXT level is high
and at least one external clock pulse has occurred when not in the read mode. See the external
clock modes desciptions.
TAG
19
14
I
Tag input for use in the external clock mode. If EXT is high, digital data input from TAG is output
on DATA with a delay that is dependent on the external clock mode. See Figure 8 and Figure 9.
VANA
27
19
I
Analog supply input. Nominally +5 V. Connect directly to pin 20 and decouple to ground with
0.1-mF ceramic and 10-mF tantalum capacitors.
VDIG
28
20
I
Digital supply input. Nominally +5 V. Connect directly to pin 19. Must be
≤ VANA.
6
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8509


Número de pieza similar - ADS8509IBDWRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS8509IBDWRG4 BURR-BROWN-ADS8509IBDWRG4 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS8509IBDWRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI-ADS8505 Datasheet
600Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com