Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC10040CIMTX Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza ADC10040CIMTX
Descripción Electrónicos  ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10040CIMTX Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC10040CIMTX Datasheet HTML 2Page - Texas Instruments ADC10040CIMTX Datasheet HTML 3Page - Texas Instruments ADC10040CIMTX Datasheet HTML 4Page - Texas Instruments ADC10040CIMTX Datasheet HTML 5Page - Texas Instruments ADC10040CIMTX Datasheet HTML 6Page - Texas Instruments ADC10040CIMTX Datasheet HTML 7Page - Texas Instruments ADC10040CIMTX Datasheet HTML 8Page - Texas Instruments ADC10040CIMTX Datasheet HTML 9Page - Texas Instruments ADC10040CIMTX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADC10040
SNAS224M – JULY 2003 – REVISED APRIL 2013
www.ti.com
Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply for VSSA = VSSIO = 0V, VDDA = +3.0V, VDDIO = +2.5V, VIN = 2 VP-P,
STBY = 0V, External VREF = 1.20V, fCLK = 40 MHz, 50% Duty Cycle, CL = 10 pF/pin. Boldface limits apply for TA = TMIN to
TMAX: all other limits TA = 25°C.
(1) (2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
STATIC CONVERTER CHARACTERISTICS
No Missing Codes Ensured
10
Bits
FIN = 250 kHz, −0 dB Full
INL
Integral Non-Linearity
−1.0
±0.3
+1.0
LSB
Scale
FIN = 250 kHz, −0 dB Full
DNL
Differential Non-Linearity
−0.9
±0.3
+0.9
LSB
Scale
Positive Error
−1.5
+0.4
+1.9
% FS
GE
Gain Error
Negative Error
−1.5
−0.01
+1.9
% FS
OE
Offset Error (VIN+ = VIN−)
−1.4
0.12
+1.6
% FS
Under Range Output Code
0
Over Range Output Code
1023
FPBW
Full Power Bandwidth(4)
400
MHz
REFERENCE AND INPUT CHARACTERISTICS
VCM
Common Mode Input Voltage
0.5
1.5
V
Output Voltage for use as an input
VCOM
1.45
V
common mode voltage(5)
VREF
Reference Voltage
1.2
V
VREFTC
Reference Voltage Temperature
±80
ppm/°C
Coefficient
CIN
VIN Input Capacitance (each pin to
4
pF
VSSA)
POWER SUPPLY CHARACTERISTICS
STBY = 1
4.5
6.0
mA
IVDDA
Analog Supply Current
STBY = 0
18
25
mA
STBY = 1, fIN = 0 Hz
0
mA
IVDDIO
Digital Supply Current(6)
STBY = 0, fIN = 0 Hz
0.6
0.8
mA
STBY = 1
13.5
18
mW
PWR
Power Consumption(7)
STBY = 0
55.5
77
mW
(1)
To ensure accuracy, it is required that |VDDA–VDDIO| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(2)
With the test condition for 2 VP-P differential input, the 10-bit LSB is 1.95 mV.
(3)
Typical figures are at TA = TJ = 25°C and represent most likely parametric norms. Test limits are ensured to TI's AOQL (Average
Outgoing Quality Level).
(4)
The input bandwidth is limited using a capacitor between VINand VIN+.
(5)
VCOM is a typical value, measured at room temperature. It is not ensured by test. Do not load this pin.
(6)
VDDIO is the current consumed by the switching of the output drivers and is primarily determined by load capacitance on the output pins,
the supply voltage, VDR, and the rate at which the outputs are switching (which is signal dependent). IDR = VDR x (C0 x f0 + C1 x f1 + C2
+ f2 +....C11 x f11) where VDR is the output driver supply voltage, Cn is the total load capacitance on the output pin, and fn is the average
frequency at which the pin is toggling.
(7)
Power consumption includes output driver power. (fIN = 0 MHz).
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: ADC10040


Número de pieza similar - ADC10040CIMTX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC10040CIMTX NSC-ADC10040CIMTX Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Texas Instruments
ADC10040CIMTX/NOPB TI1-ADC10040CIMTX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   55.5 mW A/D Converter
More results

Descripción similar - ADC10040CIMTX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Fairchild Semiconductor
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
National Semiconductor ...
ADC10080 NSC-ADC10080 Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
Texas Instruments
ADC10080 TI1-ADC10080_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Texas Instruments
ADC10040 TI1-ADC10040_15 Datasheet
1Mb / 27P
[Old version datasheet]   55.5 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com