Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7881IRGZR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS7881IRGZR
Descripción Electrónicos  4 MHz Sample Rate, 12-Bit Resolution High Speed Parallel Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7881IRGZR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS7881IRGZR Datasheet HTML 5Page - Texas Instruments ADS7881IRGZR Datasheet HTML 6Page - Texas Instruments ADS7881IRGZR Datasheet HTML 7Page - Texas Instruments ADS7881IRGZR Datasheet HTML 8Page - Texas Instruments ADS7881IRGZR Datasheet HTML 9Page - Texas Instruments ADS7881IRGZR Datasheet HTML 10Page - Texas Instruments ADS7881IRGZR Datasheet HTML 11Page - Texas Instruments ADS7881IRGZR Datasheet HTML 12Page - Texas Instruments ADS7881IRGZR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ADS7881
SLAS400B − SEPTEMBER 2003 − REVISED NOVEMBER 2005
www.ti.com
9
CONVERSION ABORT
The falling edge of CS aborts the conversion while BUSY is high and CONVST is high (see Figure 4). The device
outputs FE0 (hex) to indicate a conversion abort.
1111 1110 0000
td5
CS
CONVST
BUSY
tsu1
RD
D11−D0
Figure 4. Conversion Abort
DATA READ
Two conditions need to be satisfied for a read operation. Data appears on the D11 through D0 pins (with D11
MSB) when both CS and RD are low. Figure 5 and Figure 6 illustrate the device read operation. The bus is
three-stated if any one of the signals is high.
D11−4 & D3−0
D3−0
tw5
CS
CONVST
BUSY
D11−D0
td2
td1 + t(acq)
t(conv)
td11
td6
td7
td9
BYTE
t1
RD
Figure 5. Read Control Via CS and RD
There are two output formats available. Twelve bit data appears on the bus during a read operation while BYTE
is low. When BYTE is high, the lower byte (D3 through D0 followed by all zeroes) appears on the data bus with
D3 in the MSB. This feature is useful for interfacing with eight bit microprocessors and microcontrollers.


Número de pieza similar - ADS7881IRGZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS7881IRGZR BURR-BROWN-ADS7881IRGZR Datasheet
831Kb / 31P
   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS7881IRGZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
SHA1144 AD-SHA1144_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION 14 BIT SAMPLE AND HOLD AMPLIFIER
logo
Intronics Power, Inc.
SHA1144 INTRONICS-SHA1144 Datasheet
1Mb / 6P
   High Resolution 14-Bit Sample and Hold Amplifier
logo
Analog Devices
SHA1144 AD-SHA1144 Datasheet
540Kb / 6P
   HIGH RESOLUTION 14 BIT SAMPLE AND HOLD AMPLIFIER
AD9260 AD-AD9260 Datasheet
572Kb / 36P
   High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
REV. B
AD9260 AD-AD9260_15 Datasheet
1Mb / 44P
   High Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
REV. C
logo
Burr-Brown (TI)
SRC4184 BURR-BROWN-SRC4184 Datasheet
508Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4194 TI1-SRC4194_08 Datasheet
666Kb / 43P
[Old version datasheet]   4-Channel, Asynchronous Sample Rate Converter
logo
Hamamatsu Corporation
C10322D HAMAMATSU-C10322D Datasheet
137Kb / 6P
   Flat panel sensor High sensitivity, high-speed frame rate, high resolution
C9311DK HAMAMATSU-C9311DK Datasheet
142Kb / 6P
   Flat panel sensor High sensitivity, high-speed frame rate, high resolution
logo
Burr-Brown (TI)
SRC4194 BURR-BROWN-SRC4194 Datasheet
502Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com