Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7871IDBR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS7871IDBR
Descripción Electrónicos  PGA Gains: 1, 2, 4, 5, 8, 10, 16, 20 V/V
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7871IDBR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7871IDBR Datasheet HTML 7Page - Texas Instruments ADS7871IDBR Datasheet HTML 8Page - Texas Instruments ADS7871IDBR Datasheet HTML 9Page - Texas Instruments ADS7871IDBR Datasheet HTML 10Page - Texas Instruments ADS7871IDBR Datasheet HTML 11Page - Texas Instruments ADS7871IDBR Datasheet HTML 12Page - Texas Instruments ADS7871IDBR Datasheet HTML 13Page - Texas Instruments ADS7871IDBR Datasheet HTML 14Page - Texas Instruments ADS7871IDBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
ADS7871
SLAS370C − APRIL 2002 − REVISED OCTOBER 2004
www.ti.com
11
OVERVIEW
The ADS7871 is a complete data acquisition device composed of an input analog multiplexer (MUX), a
programmable gain amplifier (PGA) and an analog-to-digital converter (A/D). Four lines of digital input/output
(I/O) are also provided. Additional circuitry provides support functions including conversion clock, voltage
reference, and serial interface for control and data retrieval.
The ADS7871 is based on the ADS7870 and shares the same interface, functionality, and pinout. The
exceptions are: pin 15 is now hard-wired to ground; the SAR conversion cycle takes 14 clocks rather than 12;
and the output data has only one defined zero at bit D1 (of Register 0), as opposed to three defined zeroes at
bits D1, D2, and D3 (of Register 0) as in the ADS7870.
Control and configuration of the ADS7871 is accomplished by command bytes written to internal registers
through the serial port. Command Register device control includes MUX channel selection, PGA gain, A/D start
conversion command, and I/O line control. Command register configuration control includes internal voltage
reference setting and oscillator control.
Operational modes and selected functions can be activated by digital inputs at corresponding pins. Pin settable
configuration options include SCLK active-edge selection, master reset, and internal oscillator clock enable.
The ADS7871 has eight analog signal input pins, LN0 through LN7. These pins are connected to a network of
analog switches (the MUX block). The inputs can be configured as 8 single-ended or 4 differential inputs, or
some combination.
The four general-purpose digital I/O pins (I/O3 through I/O0) can be made to function individually as either digital
inputs or digital outputs. These pins give the user access to four digital I/O pins through the serial interface
without having to run additional wires to the host controller.
The programmable gain amplifier (PGA) provides gains of 1, 2, 4, 5, 8, 10, 16, and 20 V/V.
The 14-bit A/D converter in the ADS7871 is a successive approximation type. The default output of the
converter is 2s complement format and can be read in a variety of ways depending on the program
configuration.
The ADS7871 internal voltage reference can be software configured for output voltages of 1.15 V, 2.048 V, or
2.5 V. The reference circuit is trimmed for high initial accuracy and low temperature drift. A separate buffer
amplifier is provided to buffer the high impedance VREF output.
The voltage reference, PGA, and A/D converter use the conversion clock (CCLK) and signals derived from it.
CCLK can be either an input or output signal. The ADS7871 can divide the CCLK signal by a constant before
it is applied to the A/D converter and PGA. This allows a higher frequency system clock to be used to control
the A/D converter operation. Division factors (DF) of 1, 2, 4, and 8 are available. The signal that is actually
applied to the PGA and A/D converter is DCLK, where DCLK = CCLK/DF.
The ADS7871 is designed so that its serial interface can be conveniently used with a wide variety of
microcontrollers. It has four conventional serial interface pins: SCLK (serial data clock), DOUT (serial data out),
DIN (serial data in, which may be set bidirectional in some applications), and CS (chip select function).
The ADS7871 has ten internal user accessible registers which are used in normal operation to configure and
control the device (summarized in Figure 18).


Número de pieza similar - ADS7871IDBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7871IDBR TI-ADS7871IDBR Datasheet
431Kb / 42P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871IDBR TI1-ADS7871IDBR Datasheet
564Kb / 44P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871IDBRG4 TI1-ADS7871IDBRG4 Datasheet
564Kb / 44P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
More results

Descripción similar - ADS7871IDBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMUX1208 TI1-TMUX1208_18 Datasheet
1Mb / 34P
[Old version datasheet]   5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
logo
Analog Devices
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822 Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD8251 AD-AD8251_16 Datasheet
725Kb / 25P
   10 MHz, 20 V/關s, G = 1, 2, 4, 8 iCMOS Programmable Gain Instrumentation Amplifier
logo
List of Unclassifed Man...
88981133 ETC2-88981133 Datasheet
1Mb / 5P
   16 digital inputs (including 4 High Speed, 8 analog 0-10 V / potentiometers and 4 analog 0-10 V / 4-20 mA)
logo
ON Semiconductor
MC10E164 ONSEMI-MC10E164_16 Datasheet
154Kb / 8P
   5V ECL 16:1 Multiplexer
July, 2016 ??Rev. 9
logo
STMicroelectronics
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y_10 Datasheet
327Kb / 20P
   5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com