Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8201IBRGET Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza ADS8201IBRGET
Descripción Electrónicos  2.2V to 5.5V, Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8201IBRGET Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8201IBRGET Datasheet HTML 3Page - Texas Instruments ADS8201IBRGET Datasheet HTML 4Page - Texas Instruments ADS8201IBRGET Datasheet HTML 5Page - Texas Instruments ADS8201IBRGET Datasheet HTML 6Page - Texas Instruments ADS8201IBRGET Datasheet HTML 7Page - Texas Instruments ADS8201IBRGET Datasheet HTML 8Page - Texas Instruments ADS8201IBRGET Datasheet HTML 9Page - Texas Instruments ADS8201IBRGET Datasheet HTML 10Page - Texas Instruments ADS8201IBRGET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
2
1
0
-1
-2
512
0
4096
3584
3072
2560
2048
1536
1024
OutputCode
V
=5V
DD
V
=4.9V
REF
T =+25°C
A
f
=100kSPS
SAMPLE
f
=4MHz
SCLK
2
1
0
-1
-2
512
0
4096
3584
3072
2560
2048
1536
1024
OutputCode
V
=5V
DD
V
=4.9V
REF
T =+25 C
°
A
f
=100kSPS
SAMPLE
f
=4MHz
SCLK
2
1
0
-1
-2
512
0
4096
3584
3072
2560
2048
1536
1024
OutputCode
V
=2.2V
DD
V
REF =2.048V
T
A =+25°C
f
=100kSPS
SAMPLE
f
=4MHz
SCLK
2
1
0
-1
-2
512
0
4096
3584
3072
2560
2048
1536
1024
OutputCode
V
=2.2V
DD
V
REF =2.048V
T
A =+25°C
f
=100kSPS
SAMPLE
f
=4MHz
SCLK
1200
1000
800
600
400
-50
-25
0
25
50
75
100
125
Temperature( C)
°
V
=2.2V,
DD
V
=2.048V
REF
V
=5V,
DD
V
=4.9V
REF
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-50
-25
0
25
50
75
100
125
Temperature(°C)
V
=5V,
DD
V
=4.9V
REF
V
=2.2V,
DD
V
=2.048V
REF
ADS8201
www.ti.com
SLAS534B – JULY 2009 – REVISED MAY 2010
TYPICAL CHARACTERISTICS
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs CODE
vs CODE
Figure 4.
Figure 5.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs CODE
vs CODE
Figure 6.
Figure 7.
POWER-SUPPLY CURRENT
POWER-DOWN CURRENT
vs TEMPERATURE
vs TEMPERATURE
Figure 8.
Figure 9.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS8201


Número de pieza similar - ADS8201IBRGET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8201IBRGET TI-ADS8201IBRGET Datasheet
522Kb / 33P
[Old version datasheet]   2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
ADS8201IBRGET TI-ADS8201IBRGET Datasheet
678Kb / 35P
[Old version datasheet]   2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
More results

Descripción similar - ADS8201IBRGET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8201 TI-ADS8201_1 Datasheet
678Kb / 35P
[Old version datasheet]   2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
ADS8201 TI-ADS8201 Datasheet
522Kb / 33P
[Old version datasheet]   2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
logo
API Technologies Corp
HS9410 APITECH-HS9410 Datasheet
2Mb / 3P
   8 Channel, 12 Bit Data Acquisition System With 關P Interface
logo
Burr-Brown (TI)
ADS7870 BURR-BROWN-ADS7870 Datasheet
262Kb / 27P
   12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
logo
Analog Devices
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
logo
Texas Instruments
ADS7870 TI1-ADS7870 Datasheet
494Kb / 43P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7870 TI1-ADS7870_14 Datasheet
887Kb / 45P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com