Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8327IRSATG4 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza ADS8327IRSATG4
Descripción Electrónicos  LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8327IRSATG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8327IRSATG4 Datasheet HTML 3Page - Texas Instruments ADS8327IRSATG4 Datasheet HTML 4Page - Texas Instruments ADS8327IRSATG4 Datasheet HTML 5Page - Texas Instruments ADS8327IRSATG4 Datasheet HTML 6Page - Texas Instruments ADS8327IRSATG4 Datasheet HTML 7Page - Texas Instruments ADS8327IRSATG4 Datasheet HTML 8Page - Texas Instruments ADS8327IRSATG4 Datasheet HTML 9Page - Texas Instruments ADS8327IRSATG4 Datasheet HTML 10Page - Texas Instruments ADS8327IRSATG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
ADS8327
ADS8328
www.ti.com
SLAS415E
– APRIL 2006 – REVISED JANUARY 2011
SPECIFICATIONS (continued)
TA = –40°C to 85°C, +VA = 4.5 V to 5.5 V, +VBD = 1.65 V to 5.5 V, VREF = 4.096 V, and fSAMPLE = 500 kHz, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC CHARACTERISTICS
VIN = 4.096 VPP at 10 kHz
-96
THD
Total harmonic distortion (4)
VIN = 4.096 VPP at 100 kHz,
ADS8327/28IB
–95.7
dB
VIN = 4.096 VPP at 100 kHz,
ADS8327/28I
–95.7
VIN = 4.096 VPP at 10 kHz
91
SNR
Signal-to-noise ratio
dB
VIN = 4.096 VPP at 100 kHz
89
VIN = 4.096 VPP at 10 kHz
91
SINAD
Signal-to-noise + distortion
dB
VIN = 4.096 VPP at 100 kHz
88
VIN = 4.096 VPP at 10 kHz
100
SFDR
Spurious-free dynamic range
VIN = 4.096 VPP at 100 kHz,
ADS8327/28IB
98.8
dB
VIN = 4.096 VPP at 100 kHz,
ADS8327/28I
98.8
–3dB Small-signal bandwidth
30
MHz
CLOCK
Internal conversion clock frequency
10.9
12
12.6
MHz
Used as I/O clock only
50
SCLK External serial clock
MHz
As I/O clock and conversion clock
1
21
EXTERNAL VOLTAGE REFERENCE INPUT
VREF (REF+ – REF–)
5.5 V
≥ +VA ≥ 4.5 V
0.3
4.096
4.2
Input reference
VREF
V
range
(REF
–) – AGND
–0.1
0.1
Resistance (5)
Reference input
80
k
DIGITAL INPUT/OUTPUT
Logic family
—CMOS
VIH
High-level input voltage
5.5 V
≥ +VBD ≥ 4.5 V
0.65
× (+VBD)
+VBD + 0.3
V
VIL
Low-level input voltage
5.5 V
≥ +VBD ≥ 4.5 V
–0.3
0.35
× (+VBD)
V
II
Input current
VI = +VBD or BDGND
-50
50
nA
CI
Input capacitance
5
pF
5.5 V
≥ +VBD ≥ 4.5 V,
VOH
High-level output voltage
+VBD
– 0.6
+VBD
V
IO = 100 mA
5.5 V
≥ +VBD ≥ 4.5 V,
VOL
Low-level output voltage
0
0.4
V
IO = 100 mA
CO
Output capacitance
5
pF
CL
Load capacitance
30
pF
Data format
—straight binary
POWER-SUPPLY REQUIREMENTS
+VBD
1.65
3.3
5.5
V
Power supply
voltage
+VA
4.5
5
5.5
V
500-kHz Sample rate
5
6.2
mA
Supply current
NAP/Auto-NAP mode
0.3
0.5
Deep power-down mode
6
50
nA
Buffer I/O supply current
500 kSPS
1
mA
+VA = 5 V, +VBD = 5 V
30
38.5
Power dissipation
mW
+VA = 5 V, +VBD = 1.8 V
25.4
32
TEMPERATURE RANGE
TA
Operating free-air temperature
–40
+85
°C
(4)
Calculated on the first nine harmonics of the input frequency.
(5)
Can vary
±30%
© 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS8327 ADS8328


Número de pieza similar - ADS8327IRSATG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8327IRSAT TI-ADS8327IRSAT Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results

Descripción similar - ADS8327IRSATG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8327 TI-ADS8327_13 Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8327 BURR-BROWN-ADS8327 Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8329 TI-ADS8329 Datasheet
1Mb / 40P
[Old version datasheet]   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_16 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI1-ADS7279_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7229 TI-ADS7229 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI-ADS7279 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com