Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8318IDRCRG4 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza ADS8318IDRCRG4
Descripción Electrónicos  16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8318IDRCRG4 Datasheet(HTML) 3 Page - Texas Instruments

  ADS8318IDRCRG4 Datasheet HTML 1Page - Texas Instruments ADS8318IDRCRG4 Datasheet HTML 2Page - Texas Instruments ADS8318IDRCRG4 Datasheet HTML 3Page - Texas Instruments ADS8318IDRCRG4 Datasheet HTML 4Page - Texas Instruments ADS8318IDRCRG4 Datasheet HTML 5Page - Texas Instruments ADS8318IDRCRG4 Datasheet HTML 6Page - Texas Instruments ADS8318IDRCRG4 Datasheet HTML 7Page - Texas Instruments ADS8318IDRCRG4 Datasheet HTML 8Page - Texas Instruments ADS8318IDRCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
ADS8318
www.ti.com
SLAS568A
– MAY 2008 – REVISED MARCH 2011
SPECIFICATIONS
TA = –40°C to 85°C, +VA = 5 V, +VBD = 5 V to 2.375 V, Vref = 4 V, fSAMPLE = 500 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input span (1)
+IN
– (–IN)
–Vref
Vref
V
+IN
– 0.1
Vref + 0.1
Operating input range
–IN
– 0.1
Vref + 0.1
Input common-mode range
0
Vref/2
Vref/2+0.1
V
Input capacitance
+IN and -IN terminal to GND
59
pF
Input leakage current
During acquisition
1000
pA
SYSTEM PERFORMANCE
Resolution
16
Bits
No missing codes
16
Bits
ADS8318I
–1.5
±0.65
1.5
INL
Integral linearity(2)
LSB(3)
ADS8318IB
–1
±0.65
1
ADS8318I
–1
±0.4
1
DNL
Differential linearity
At 16-bit level
LSB(3)
ADS8318IB
–0.75
±0.4
0.75
EO
Offset error(4)
–1.5
±0.3
1.5
mV
EG
Gain error
–0.03
±0.003
0.03
%FSR
With common mode input signal = 200 mVp-p at 500
CMRR
Common-mode rejection ratio
78
dB
kHz
PSRR
Power supply rejection ratio
At FFF0h output code
80
dB
Transition noise
0.25
LSB
SAMPLING DYNAMICS
+VBD = 5 V
1400
tCONV
Conversion time
ns
+VBD = 3 V
1400
+VBD = 5 V
600
Acquisition time
ns
+VBD = 3 V
600
Maximum throughput rate with or
0.5
MHz
without latency
Aperture delay
2.5
ns
Aperture jitter, RMS
6
ps
Step response
600
ns
Settling to 16-bit accuracy
Overvoltage recovery
600
ns
(1)
Ideal input span, does not include gain or offset error.
(2)
This is endpoint INL, not best fit.
(3)
LSB means least significant bit
(4)
Measured relative to actual measured reference.
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS8318


Número de pieza similar - ADS8318IDRCRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8318IDRCR TI-ADS8318IDRCR Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS8318IDRCRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI-ADS8319 Datasheet
1Mb / 30P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864IDGS TI1-ADS8864IDGS Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 400-kSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8866 TI1-ADS8866_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864 TI1-ADS8864_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, Single-Ended Input, SAR Analog-to-Digital Converter
ADS8862 TI1-ADS8862_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com