Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3SK135A Datasheet(PDF) 4 Page - NEC

No. de pieza 3SK135A
Descripción Electrónicos  RF AMP. FOR UHF TV TUNER N-CHANNEL SILICON DUAL-GATE MOS FIELD-EFFECT TRANSISTOR 4PIN MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

3SK135A Datasheet(HTML) 4 Page - NEC

  3SK135A Datasheet HTML 1Page - NEC 3SK135A Datasheet HTML 2Page - NEC 3SK135A Datasheet HTML 3Page - NEC 3SK135A Datasheet HTML 4Page - NEC 3SK135A Datasheet HTML 5Page - NEC 3SK135A Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3SK135A
4
S-PARAMETER, Y-PARAMETER
S1, Y1
S1-MAG & ANGL
CONDITION
FREQ.
11
21
12
22
VDS = 10 V
50
1.023
–2
1.820
173
0.002
86
1.023
0
VG2S = 4 V
100
0.989
–8
1.758
165
0.002
102
0.977
–4
IDS = 10 mA
200
0.966
–11
1.778
153
0.003
56
0.977
–7
300
0.923
–22
1.758
139
0.003
167
0.966
–10
400
0.871
–23
1.758
128
0.008
–153
0.933
–11
500
0.841
–33
1.718
113
0.017
–160
0.912
–15
600
0.776
–34
1.738
101
0.034
–166
0.902
–15
700
0.676
–41
1.718
88
0.058
–178
0.891
–18
800
0.631
–43
1.698
76
0.089
173
0.881
–21
900
0.575
–47
1.660
64
0.130
160
0.881
–20
1000
0.537
–49
1.567
48
0.172
142
0.891
–34
Yl-MAG & ANGL
FREQ.
11
21
12
22
50
0.405
125
17.780
–6
0.020
–93
0.234
–176
100
1.382
85
17.940
–9
0.024
–72
0.715
71
200
1.937
80
18.399
–18
0.027
–115
1.226
80
300
3.962
77
19.044
–26
0.033
2
1.773
78
400
4.327
69
20.003
–36
0.086
43
2.069
68
500
6.197
71
20.688
–45
0.205
42
2.801
67
600
6.589
62
21.986
–58
0.434
35
2.754
60
700
8.151
53
23.697
–69
0.803
25
2.973
58
800
8.287
47
24.190
–81
1.269
16
2.985
59
900
8.404
44
23.916
–94
1.878
2
2.079
65
1000
8.085
46
22.726
–103
2.492
–9
4.327
90
S2, Y2
S2-MAG & ANGL
CONDITION
FREQ.
11
21
12
22
VDS = 10 V
50
1.023
–2
1.567
174
0.002
64
1.035
0
VG2S = 4 V
100
0.989
–8
1.531
166
0.003
118
0.989
–4
IDS = 5 mA
200
0.966
–11
1.549
153
0.003
49
0.977
–7
300
0.933
–22
1.531
140
0.003
177
0.977
–10
400
0.891
–23
1.567
129
0.008
–148
0.944
–11
500
0.851
–34
1.531
114
0.017
–157
0.923
–15
600
0.794
–35
1.567
102
0.035
–161
0.912
–16
700
0.684
–43
1.549
88
0.062
–174
0.902
–19
800
0.624
–46
1.549
76
0.095
176
0.891
–22
900
0.556
–51
1.531
64
0.143
163
0.891
–22
1000
0.501
–52
1.462
48
0.191
144
0.891
–35
Y2-MAG & ANGL
FREQ.
11
21
12
22
50
0.411
126
15.215
–5
0.022
–115
0.354
–178
100
1.385
85
15.540
–8
0.027
–56
0.690
80
200
1.940
80
16.026
–18
0.028
–122
1.229
80
300
3.946
79
16.402
–24
0.032
13
1.759
82
400
4.259
73
17.533
–35
0.087
48
2.034
71
500
6.358
72
18.279
–43
0.207
46
2.770
69
600
6.724
64
19.600
–56
0.444
41
2.914
64
700
8.534
55
21.366
–67
0.851
31
3.157
62
800
8.961
48
22.388
–79
1.380
21
3.168
61
900
9.289
43
22.717
–92
2.120
7
2.336
67
1000
8.676
43
21.911
–103
2.855
–7
4.332
90


Número de pieza similar - 3SK135A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
3SK135A RENESAS-3SK135A Datasheet
179Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1995
More results

Descripción similar - 3SK135A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
3SK206 NEC-3SK206 Datasheet
56Kb / 6P
   RF AMP. FOR UHF TV TUNER N-CHANNEL GaAs DUAL GATE MES FIELD-EFFECT TRANSISTOR 4PIN MINI MOLD
3SK134B NEC-3SK134B Datasheet
48Kb / 5P
   RF AMP. FOR UHF TV TUNER N-CHANNEL SILICON DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK177 NEC-3SK177 Datasheet
59Kb / 6P
   RF AMP. FOR UHF TV TUNER N-CHANNEL GaAs DUAL-GATE MES FIELD-EFFECT TRANSISTOR 4 PIN MINI MOLD
3SK224 NEC-3SK224 Datasheet
53Kb / 6P
   RF AMPLIFIER FOR UHF TV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK253 NEC-3SK253 Datasheet
52Kb / 6P
   RF AMPLIFIER FOR UHF TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK255 NEC-3SK255 Datasheet
54Kb / 8P
   RF AMPLIFIER FOR UHF TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS SUPER MINI MOLD
3SK299 NEC-3SK299 Datasheet
53Kb / 6P
   RF AMP. FOR UHF TV TUNER N-CHANNEL GaAs DUAL-GATE MES FIFLD-EFFECT TRANSISTOR 4 PIN SMALL MINI MOLD
3SK222 NEC-3SK222 Datasheet
58Kb / 6P
   RF AMPLIFIER FOR FM TUNER AND VHF TV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK176A NEC-3SK176A Datasheet
57Kb / 6P
   RF AMP. AND MIXER FOR CATV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK223 NEC-3SK223 Datasheet
57Kb / 6P
   RF AMPLIFIER FOR CATV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com