Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3SK135A Datasheet(PDF) 2 Page - NEC

No. de pieza 3SK135A
Descripción Electrónicos  RF AMP. FOR UHF TV TUNER N-CHANNEL SILICON DUAL-GATE MOS FIELD-EFFECT TRANSISTOR 4PIN MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

3SK135A Datasheet(HTML) 2 Page - NEC

  3SK135A Datasheet HTML 1Page - NEC 3SK135A Datasheet HTML 2Page - NEC 3SK135A Datasheet HTML 3Page - NEC 3SK135A Datasheet HTML 4Page - NEC 3SK135A Datasheet HTML 5Page - NEC 3SK135A Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3SK135A
2
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
25
20
10
0
0
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
6 V
VDS – Drain to Source Voltage – V
VG2S = 4 V
0
+1.0
FORWARD TRANSFER ADMITTANCE vs.
GATE 1 TO SOURCE VOLTAGE
VDS = 10 V
f = 1 MHz
VG1S – Gate1 to Source Voltage – V
–1.0
10
20
5
4
3
2
1
VG1S = 0
–0.1 V
–0.2 V
–0.3 V
–0.4 V
15
5
4 V
2 V
1 V
VG2S = 0
2
1
0
1.0
4.0
OUTPUT CAPACITANCE vs.
GATE 2 TO SOURCE VOLTAGE
VDS = 10 V
f = 1 MHz
VG2S – Gate2 to Source Voltage – V
–1.0
0
2.0
3.0
ID = 5 mA at VG2S = 4 V
25
20
10
0
6 V
0
+1.0
DRAIN CURRENT vs.
GATE 1 TO SOURCE VOLTAGE
VDS = 10 V
VG1S – Gate1 to Source Voltage – V
–1.0
15
5
4 V
2 V
1 V
VG2S = 0
4
2
0
1.0
4.0
INPUT CAPACITANCE vs.
DRAIN CURRENT
VDS = 10 V
f = 1 MHz
ID – Drain Current – mA
–1.0
0
2.0
3.0
ID = 5 mA at VG2S = 4 V
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TA – Ambient Temperature – ˚C
50
125
400
200
0
300
100
100
75
25
ID = 10 mA at VG2S = 4 V
ID = 10 mA at VG2S = 4 V
3
1


Número de pieza similar - 3SK135A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
3SK135A RENESAS-3SK135A Datasheet
179Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1995
More results

Descripción similar - 3SK135A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
3SK206 NEC-3SK206 Datasheet
56Kb / 6P
   RF AMP. FOR UHF TV TUNER N-CHANNEL GaAs DUAL GATE MES FIELD-EFFECT TRANSISTOR 4PIN MINI MOLD
3SK134B NEC-3SK134B Datasheet
48Kb / 5P
   RF AMP. FOR UHF TV TUNER N-CHANNEL SILICON DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK177 NEC-3SK177 Datasheet
59Kb / 6P
   RF AMP. FOR UHF TV TUNER N-CHANNEL GaAs DUAL-GATE MES FIELD-EFFECT TRANSISTOR 4 PIN MINI MOLD
3SK224 NEC-3SK224 Datasheet
53Kb / 6P
   RF AMPLIFIER FOR UHF TV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK253 NEC-3SK253 Datasheet
52Kb / 6P
   RF AMPLIFIER FOR UHF TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK255 NEC-3SK255 Datasheet
54Kb / 8P
   RF AMPLIFIER FOR UHF TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS SUPER MINI MOLD
3SK299 NEC-3SK299 Datasheet
53Kb / 6P
   RF AMP. FOR UHF TV TUNER N-CHANNEL GaAs DUAL-GATE MES FIFLD-EFFECT TRANSISTOR 4 PIN SMALL MINI MOLD
3SK222 NEC-3SK222 Datasheet
58Kb / 6P
   RF AMPLIFIER FOR FM TUNER AND VHF TV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK176A NEC-3SK176A Datasheet
57Kb / 6P
   RF AMP. AND MIXER FOR CATV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK223 NEC-3SK223 Datasheet
57Kb / 6P
   RF AMPLIFIER FOR CATV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com