Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DZ23-B6V8 Datasheet(PDF) 1 Page - General Semiconductor

No. de pieza DZ23-B6V8
Descripción Electrónicos  Dual Common-Cathode Zener Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GE [General Semiconductor]
Página de inicio  http://www.vishay.com
Logo GE - General Semiconductor

DZ23-B6V8 Datasheet(HTML) 1 Page - General Semiconductor

  DZ23-B6V8 Datasheet HTML 1Page - General Semiconductor DZ23-B6V8 Datasheet HTML 2Page - General Semiconductor DZ23-B6V8 Datasheet HTML 3Page - General Semiconductor DZ23-B6V8 Datasheet HTML 4Page - General Semiconductor DZ23-B6V8 Datasheet HTML 5Page - General Semiconductor DZ23-B6V8 Datasheet HTML 6Page - General Semiconductor DZ23-B6V8 Datasheet HTML 7Page - General Semiconductor DZ23-B6V8 Datasheet HTML 8Page - General Semiconductor DZ23-B6V8 Datasheet HTML 9Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
6/28/00
Features
• Dual Silicon Planar Zener Diodes, Common
Cathode
• The Zener voltages are graded according to
the international E 24 standard. Standard Zener
voltage tolerance is ±5%. Replace “C” with “B” for
2% tolerance. Other voltage tolerances and other
Zener voltages are available upon request.
• The parameters are valid for both diodes in one
case.
∆VZ and ∆rzj of the two diodes in one case
is
≤ 5%
• This diode is also available in other case styles and
configurations including: the dual diode common
cathode configuration with type designation AZ23,
the single diode SOT-23 case with the type desig-
nation BZX84C, and the single diode SOD-123
case with the type designation BZT52C.
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Power Dissipation at Tamb = 25°C
Ptot
300(1)
mW
Thermal Resistance Junction to Ambient Air
R
θJA
420(1)
°C/W
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
–65 to +150
°C
Note:
(1) Device on fiberglass substrate, see layout
DZ23 Series
Dual Common-Cathode
Zener Diodes
VZ Range 2.7 to 51V
Power Dissipation 300mW
.016 (0.4)
.037(0.95) .037(0.95)
.122 (3.1)
.016 (0.4)
.016 (0.4)
1
2
3
Top View
.102 (2.6)
.110 (2.8)
.094 (2.4)
TO-236AB (SOT-23)
Dimensions in inches
and (millimeters)
Mechanical Data
Case: SOT-23 Plastic Package
Weight: Approx. 0.008g
Packaging Codes/Options:
E8/10K per 13” reel (8mm tape), 30K/box
E9/3K per 7” reel (8mm tape), 30K/box
Top View
Mounting Pad Layout
0.079 (2.0)
0.037 (0.95)
0.035 (0.9)
0.031 (0.8)
0.037 (0.95)


Número de pieza similar - DZ23-B6V8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
DZ23-G VISHAY-DZ23-G Datasheet
124Kb / 7P
   Small Signal Zener Diodes, Dual
Rev. 1.1, 01-Mar-13
DZ23-G VISHAY-DZ23-G Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
DZ23-G VISHAY-DZ23-G_V01 Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
DZ23-V VISHAY-DZ23-V Datasheet
119Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.8, 02-Feb-12
More results

Descripción similar - DZ23-B6V8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RFE international
DZ23C2V4 RFE-DZ23C2V4 Datasheet
2Mb / 5P
   Zener Diodes (Dual, Common Cathode)
19-JUN-2023
logo
Nihon Inter Electronics...
C20T06Q-11A NIEC-C20T06Q-11A Datasheet
29Kb / 2P
   DUAL DIODES - CATHODE COMMON
EA60QC03L NIEC-EA60QC03L Datasheet
46Kb / 6P
   SBD DUAL DIODES CATHODE COMMON
FCQ10A03L NIEC-FCQ10A03L Datasheet
44Kb / 6P
   SBD DUAL DIODES - CATHODE COMMON
FCQ20B06 NIEC-FCQ20B06 Datasheet
46Kb / 6P
   SBD DUAL DIODES - CATHODE COMMON
KCF16A60 NIEC-KCF16A60 Datasheet
42Kb / 4P
   FRD DUAL DIODES CATHODE COMMON
FCQ20A03L NIEC-FCQ20A03L Datasheet
45Kb / 6P
   SBD DUAL DIODES - CATHODE COMMON
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_10 Datasheet
402Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE SILICON ZENER DIODES 2.4 VOLTS
logo
AiT Semiconductor Inc.
BAV70W AITSEMI-BAV70W Datasheet
489Kb / 7P
   SWITCHING DIODES COMMON CATHODE DUAL SWITCHING DIODES
REV1.0
logo
ON Semiconductor
SBAT54CLT1G ONSEMI-SBAT54CLT1G Datasheet
121Kb / 4P
   Dual Common Cathode Schottky Barrier Diodes
November, 2011 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com