Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7852Y250G4 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza ADS7852Y250G4
Descripción Electrónicos  12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7852Y250G4 Datasheet(HTML) 1 Page - Texas Instruments

  ADS7852Y250G4 Datasheet HTML 1Page - Texas Instruments ADS7852Y250G4 Datasheet HTML 2Page - Texas Instruments ADS7852Y250G4 Datasheet HTML 3Page - Texas Instruments ADS7852Y250G4 Datasheet HTML 4Page - Texas Instruments ADS7852Y250G4 Datasheet HTML 5Page - Texas Instruments ADS7852Y250G4 Datasheet HTML 6Page - Texas Instruments ADS7852Y250G4 Datasheet HTML 7Page - Texas Instruments ADS7852Y250G4 Datasheet HTML 8Page - Texas Instruments ADS7852Y250G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DESCRIPTION
The ADS7852 is an 8-channel, 12-bit Analog-to-Digital
(A/D) converter complete with sample-and-hold, internal 2.5V
reference and a full 12-bit parallel output interface. Typical
power dissipation is 13mW at 500kHz throughput rate. The
ADS7852 features both a nap mode and a sleep mode, further
reducing the power consumption to 2mW. The input range is
from 0V to twice the reference voltage. The reference voltage
can be overdriven by an external voltage.
The ADS7852 is ideal for multi-channel applications where
low power and small size are critical. Medical instrumenta-
tion, high-speed data acquisition and laboratory equipment
are just a few of the applications that would take advantage of
the special features offered by the ADS7852. The ADS7852
is available in an TQFP-32 package and is fully specified and
ensured over the –40
°C to +85°C temperature range.
12-Bit, 8-Channel, Parallel Output
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q 2.5V INTERNAL REFERENCE
q 8 INPUT CHANNELS
q 500kHz SAMPLING RATE
q SINGLE 5V SUPPLY
q
±1LSB: INL, DNL
q NO MISSING CODES
q 70dB SINAD
q LOW POWER: 13mW
q TQFP-32 PACKAGE
APPLICATIONS
q DATA ACQUISITION
q TEST AND MEASUREMENT
q INDUSTRIAL PROCESS CONTROL
q MEDICAL INSTRUMENTS
ADS7
852
®
SAR
CDAC
ADS7852
Output
Latches
and
3-State
Drivers
Comparator
CLK
BUSY
WR
CS
RD
A0
A1
A2
8-Channel
MUX
Internal
+2.5V Ref
Buffer
V
REF
10k
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
3-State
Parallel
Data Bus
ADS7852
SBAS111C – JANUARY 1998 – REVISED JULY 2004
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1998-2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Número de pieza similar - ADS7852Y250G4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS7852Y BURR-BROWN-ADS7852Y Datasheet
148Kb / 13P
   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7852Y/250 TI1-ADS7852Y/250 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7852Y/250G4 TI1-ADS7852Y/250G4 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7852Y/2K TI1-ADS7852Y/2K Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7852Y/2KG4 TI1-ADS7852Y/2KG4 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS7852Y250G4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS7852 BURR-BROWN-ADS7852 Datasheet
148Kb / 13P
   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7852 TI1-ADS7852 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7842 BURR-BROWN-ADS7842 Datasheet
139Kb / 13P
   12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7842 TI1-ADS7842_14 Datasheet
849Kb / 21P
[Old version datasheet]   12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7844 TI1-ADS7844_14 Datasheet
770Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7844 BURR-BROWN-ADS7844 Datasheet
204Kb / 14P
   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
DAC7621 BURR-BROWN-DAC7621 Datasheet
458Kb / 11P
   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7621 TI1-DAC7621_15 Datasheet
1Mb / 16P
[Old version datasheet]   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
ADS5273 TI1-ADS5273_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com