Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7852Y2KG4 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza ADS7852Y2KG4
Descripción Electrónicos  12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7852Y2KG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS7852Y2KG4 Datasheet HTML 4Page - Texas Instruments ADS7852Y2KG4 Datasheet HTML 5Page - Texas Instruments ADS7852Y2KG4 Datasheet HTML 6Page - Texas Instruments ADS7852Y2KG4 Datasheet HTML 7Page - Texas Instruments ADS7852Y2KG4 Datasheet HTML 8Page - Texas Instruments ADS7852Y2KG4 Datasheet HTML 9Page - Texas Instruments ADS7852Y2KG4 Datasheet HTML 10Page - Texas Instruments ADS7852Y2KG4 Datasheet HTML 11Page - Texas Instruments ADS7852Y2KG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ADS7852
SBAS111C
8
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VSS = +5V, fSAMPLE = 500kHz, fCLK = 16 • fSAMPLE, and internal reference, unless otherwise specified.
SUPPLY CURRENT vs TEMPERATURE
Temperature (
°C)
–50
–25
0
25
50
75
100
2.680
2.675
2.670
2.665
2.660
2.655
f
SAMPLE = 500kHz
SUPPLY CURRENT vs SAMPLE RATE
Sample Rate (kHz)
100
200
300
400
500
600
2.9
2.8
2.7
2.6
2.5
2.4
2.3
CHANGE IN NAP CURRENT AND SLEEP CURRENT
vs TEMPERATURE
Temperature (
°C)
–50
–25
0
25
50
75
100
25
20
15
10
5
0
–5
–10
Nap
Sleep
CHANGE IN GAIN AND OFFSET vs SUPPLY VOLTAGE
V
SS (V)
4.75
4.80
4.85 4.90
4.95 5.00 5.05
5.10
5.20
5.25
5.15
0.25
0.20
0.15
0.10
0.05
0.00
–0.05
–0.10
–0.15
–0.20
–0.25
Offset
Gain
30
25
20
15
10
5
0
POWER SUPPLY REJECTION
vs POWER SUPPLY RIPPLE FREQUENCY
100
10k
100k
1M
1k
10


Número de pieza similar - ADS7852Y2KG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS7852Y BURR-BROWN-ADS7852Y Datasheet
148Kb / 13P
   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7852Y/250 TI1-ADS7852Y/250 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7852Y/250G4 TI1-ADS7852Y/250G4 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7852Y/2K TI1-ADS7852Y/2K Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7852Y/2KG4 TI1-ADS7852Y/2KG4 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS7852Y2KG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS7852 BURR-BROWN-ADS7852 Datasheet
148Kb / 13P
   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7852 TI1-ADS7852 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7842 BURR-BROWN-ADS7842 Datasheet
139Kb / 13P
   12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7842 TI1-ADS7842_14 Datasheet
849Kb / 21P
[Old version datasheet]   12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7844 TI1-ADS7844_14 Datasheet
770Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7844 BURR-BROWN-ADS7844 Datasheet
204Kb / 14P
   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
DAC7621 BURR-BROWN-DAC7621 Datasheet
458Kb / 11P
   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7621 TI1-DAC7621_15 Datasheet
1Mb / 16P
[Old version datasheet]   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
ADS5273 TI1-ADS5273_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com