Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1217IPFBT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1217IPFBT
Descripción Electrónicos  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1217IPFBT Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1217IPFBT Datasheet HTML 6Page - Texas Instruments ADS1217IPFBT Datasheet HTML 7Page - Texas Instruments ADS1217IPFBT Datasheet HTML 8Page - Texas Instruments ADS1217IPFBT Datasheet HTML 9Page - Texas Instruments ADS1217IPFBT Datasheet HTML 10Page - Texas Instruments ADS1217IPFBT Datasheet HTML 11Page - Texas Instruments ADS1217IPFBT Datasheet HTML 12Page - Texas Instruments ADS1217IPFBT Datasheet HTML 13Page - Texas Instruments ADS1217IPFBT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
ADS1217
10
SBAS260C
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
AVDD = +5V, DVDD = +5V, fOSC = 2.4576MHz, PGA = 1, RDAC = 150kΩ, fDATA = 10Hz, and VREF = +2.5V, unless otherwise specified.
2.55
2.50
2.45
V
REFOUT vs LOAD CURRENT
V
REFOUT Current Load (mA)
–0.5
0
0.5
1.0
1.5
2.0
2.5
200
170
140
110
80
50
20
–10
–40
–70
–100
OFFSET DAC: OFFSET vs TEMPERATURE
Temperature (
°C)
–50
–30
10
–10
30
50
70
90
270
240
210
180
150
CURRENT vs TEMPERATURE
I
ANALOG
I
DIGITAL
Temperature (
°C)
–60
–30
0
30
60
90
120
400
350
300
250
200
150
100
50
0
DIGITAL CURRENT
V
DD (V)
2.5
3.0
3.5
4.0
4.5
5
5.5
Normal
4.91MHz
SLEEP
4.91MHz
SLEEP
2.45MHz
Normal
2.45MHz
5000
4000
3000
2000
1000
0
HISTOGRAM OF OUTPUT DATA
ppm of FS
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
900
800
700
600
500
400
300
200
100
0
A/D CURRENT vs PGA
PGA Setting
18
24
32
16
128
64
AV
DD = 5V, Buffer = ON
AV
DD = 3V, Buffer = ON
Buffer = OFF
Buffer = OFF


Número de pieza similar - ADS1217IPFBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS1217IPFBT BURR-BROWN-ADS1217IPFBT Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1217IPFBT TI1-ADS1217IPFBT Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS1217IPFBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1216 TI-ADS1216 Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com