Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1211 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1211
Descripción Electrónicos  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1211 Datasheet(HTML) 4 Page - Texas Instruments

  ADS1211 Datasheet HTML 1Page - Texas Instruments ADS1211 Datasheet HTML 2Page - Texas Instruments ADS1211 Datasheet HTML 3Page - Texas Instruments ADS1211 Datasheet HTML 4Page - Texas Instruments ADS1211 Datasheet HTML 5Page - Texas Instruments ADS1211 Datasheet HTML 6Page - Texas Instruments ADS1211 Datasheet HTML 7Page - Texas Instruments ADS1211 Datasheet HTML 8Page - Texas Instruments ADS1211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
ADS1210, ADS1211
4
SBAS034B
www.ti.com
PGA
+2.5V
Reference
+3.3V Bias
Generator
Clock Generator
Serial Interface
Second-Order
∆Σ
Modulator
Instruction Register
Command Register
Data Output Register
Offset Register
Full-Scale Register
Third-Order
Digital Filter
Micro Controller
Modulator Control
11
9
10
12
13
AGND
AV
DD
REF
OUT
REF
IN
V
BIAS
X
IN
X
OUT
3
1
2
16
17
18
4
7
8
65
14
15
DSYNC
CS
DRDY
MODE
A
INP
A
INN
SCLK
DGND
DV
DD
SDIO
SDOUT
ADS1210
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
A
INP
A
INN
AGND
V
BIAS
CS
DSYNC
X
IN
X
OUT
DGND
REF
IN
REF
OUT
AV
DD
MODE
DRDY
SDOUT
SDIO
SCLK
DV
DD
ADS1210 SIMPLIFIED BLOCK DIAGRAM
ADS1210 PIN DEFINITIONS
PIN NO
NAME
DESCRIPTION
1AINP
Noninverting Input.
2AINN
Inverting Input.
3
AGND
Analog Ground.
4VBIAS
Bias Voltage Output, +3.3V nominal.
5
CS
Chip Select Input.
6
DSYNC
Control Input to Synchronize Serial Output Data.
7XIN
System Clock Input.
8XOUT
System Clock Output (for Crystal or Resonator).
9
DGND
Digital Ground.
10
DVDD
Digital Supply, +5V nominal.
11
SCLK
Clock Input/Output for serial data transfer.
12
SDIO
Serial Data Input (can also function as Serial Data
Output).
13
SDOUT
Serial Data Output.
14
DRDY
Data Ready.
15
MODE
SCLK Control Input (Master = 1, Slave = 0).
16
AVDD
Analog Supply, +5V nominal.
17
REFOUT
Reference Output, +2.5V nominal.
18
REFIN
Reference Input.
TOP VIEW
DIP/SOIC
ADS1210 PIN CONFIGURATION


Número de pieza similar - ADS1211

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS1211 BURR-BROWN-ADS1211 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1211 TI1-ADS1211 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1211E BURR-BROWN-ADS1211E Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1211E TI1-ADS1211E Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1211E/1K TI1-ADS1211E/1K Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS1211

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com