Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS931 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza ADS931
Descripción Electrónicos  8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS931 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS931 Datasheet HTML 2Page - Texas Instruments ADS931 Datasheet HTML 3Page - Texas Instruments ADS931 Datasheet HTML 4Page - Texas Instruments ADS931 Datasheet HTML 5Page - Texas Instruments ADS931 Datasheet HTML 6Page - Texas Instruments ADS931 Datasheet HTML 7Page - Texas Instruments ADS931 Datasheet HTML 8Page - Texas Instruments ADS931 Datasheet HTML 9Page - Texas Instruments ADS931 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ADS931
6
SBAS060A
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +3V, specified single-ended input (–1dBFS) and sampling rate = 30MHz, unless otherwise specified.
DIFFERENTIAL LINEARITY ERROR
Output Code
2.0
1.0
0
–1.0
–2.0
0
64
128
192
256
f
IN = 500kHz
0
64
128
192
256
DIFFERENTIAL LINEARITY ERROR
Output Code
2.0
1.0
0
–1.0
–2.0
f
IN = 12.5MHz
SWEPT POWER SFDR
Input Amplitude (dBFS)
100
80
60
40
20
0
–50
–40
–30
–20
–10
0
dBFS
dBc
INTEGRAL LINEARITY ERROR
Output Code
4.0
2.0
0
–2.0
–4.0
0
64
128
192
256
f
IN = 500kHz
DYNAMIC PERFORMANCE vs INPUT FREQUENCY
Frequency (MHz)
50
48
46
44
0.1
1
10
100
SFDR
SNR
DIFFERENTIAL LINEARITY ERROR
vs TEMPERATURE
Temperature (°C)
0.9
0.7
0.5
0.3
0.1
–50
0
25
–25
50
75
100
f
IN = 500kHz
f
IN = 12.5MHz


Número de pieza similar - ADS931

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS931 BURR-BROWN-ADS931 Datasheet
210Kb / 12P
   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS931 TI-ADS931 Datasheet
442Kb / 16P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931E TI-ADS931E Datasheet
442Kb / 16P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931E/1K TI-ADS931E/1K Datasheet
442Kb / 16P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS931

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS931 TI-ADS931 Datasheet
442Kb / 16P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS831 BURR-BROWN-ADS831 Datasheet
179Kb / 11P
   8-Bit, 80MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 BURR-BROWN-ADS930 Datasheet
191Kb / 11P
   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 BURR-BROWN-ADS931 Datasheet
210Kb / 12P
   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS930 TI1-ADS930_14 Datasheet
417Kb / 16P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 TI-ADS930_V01 Datasheet
314Kb / 14P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS830 BURR-BROWN-ADS830 Datasheet
177Kb / 11P
   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS830 TI1-ADS830_14 Datasheet
556Kb / 16P
[Old version datasheet]   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com