Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS807E Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS807E
Descripción Electrónicos  12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS807E Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS807E Datasheet HTML 7Page - Texas Instruments ADS807E Datasheet HTML 8Page - Texas Instruments ADS807E Datasheet HTML 9Page - Texas Instruments ADS807E Datasheet HTML 10Page - Texas Instruments ADS807E Datasheet HTML 11Page - Texas Instruments ADS807E Datasheet HTML 12Page - Texas Instruments ADS807E Datasheet HTML 13Page - Texas Instruments ADS807E Datasheet HTML 14Page - Texas Instruments ADS807E Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ADS807
11
SBAS072A
www.ti.com
AC-Coupled, Single-Ended-to-Differential Interface
for Single-Supply Operation
The previously discussed interface circuit can be modified if
the system only allows for a single-supply operation, e.g.,
VS = +5V. Single-supply operation requires the driver ampli-
fier to be biased as well in order to process a bipolar input
signal. Typically, single-supply amplifiers do not achieve
distortion performance as well as dual-supply op amps. The
driver amplifier’s output swing must exceed the full-scale
input range of the converter. In addition, dual op amps, such
as the current-feedback OPA2681, should be considered
since they provide the closest open-loop gain and phase
matching between the two channels. Shown in Figure 3 is a
single-supply interface circuit for an AC-coupled input signal.
With the ADS807 set to the 2Vp-p input range, the top and
bottom references (REFT, REFB) provide an output voltage
of +3.0V and +2.0V, respectively. The CM output of the
ADS807 is used to bias the inputs of the driving amplifiers.
Using the OPA2681 on a single +5V supply, its ideal com-
mon-mode point is +2.5V, which coincides with the recom-
mended common-mode input level for the ADS807, thus
obviating the need for coupling capacitors between the
amplifiers and the converter.
The addition of a small series resistor (RS) between the
output of the op amps and the input of the ADS807 will be
beneficial in almost all interface configurations. It will decouple
the op amp’s output from the capacitive load and avoid gain
peaking, which can result in increased noise. For best
spurious and distortion performance, the resistor value should
be kept below 100
Ω. Furthermore, the series resistor in
combination with the shunt capacitor, establishes a passive
low-pass filter limiting the bandwidth for the wideband noise,
thus improving the SNR. The spurious-free dynamic range of
this single-supply front end is limited by the 2nd-harmonic
distortion. An improvement of several dB may be realized by
adding a pull-down resistor (RP) at the output of each
amplifier. This pulls a DC bias current out of the output stage
of the amplifier. It is set to approximately 5mA in Figure 3, but
will vary depending on the amplifier used.
FIGURE 2. AC-Coupled Differential Driver Interface with OPA642.
FIGURE 3. AC-Coupled, Differential Interface for Single-Supply Operation.
V
IN
ADS807E
68pF
IN
CM
IN
+5V
68pF
0.1
µF
0.1
µF
0.1
µF
A1
A2
OPA2681
R
G
499
R
F
499
499
R
S
24.9
V
CM = +2.5V
R
P
499
R
P
499
R
F
499
R
IN
249
R
S
24.9
V
IN
ADS807E
100pF
IN
IN
402
1.82k
1.82k
16.5
200
402
402
REFB
100pF
0.1
µF
0.1
µF
A1
OPA642
A2
OPA642
REFT
1.82k
1.82k
16.5


Número de pieza similar - ADS807E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS807E TI-ADS807E Datasheet
288Kb / 17P
[Old version datasheet]   12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
REVISED JULY 2002
logo
Burr-Brown (TI)
ADS807E BURR-BROWN-ADS807E Datasheet
225Kb / 15P
   12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS807E TI1-ADS807E Datasheet
859Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS807E/1K TI1-ADS807E/1K Datasheet
859Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS807E/1KG4 TI1-ADS807E/1KG4 Datasheet
859Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS807E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS807 TI-ADS807 Datasheet
288Kb / 17P
[Old version datasheet]   12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
REVISED JULY 2002
logo
Burr-Brown (TI)
ADS807 BURR-BROWN-ADS807 Datasheet
225Kb / 15P
   12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com