Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS800E Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza ADS800E
Descripción Electrónicos  12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS800E Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS800E Datasheet HTML 7Page - Texas Instruments ADS800E Datasheet HTML 8Page - Texas Instruments ADS800E Datasheet HTML 9Page - Texas Instruments ADS800E Datasheet HTML 10Page - Texas Instruments ADS800E Datasheet HTML 11Page - Texas Instruments ADS800E Datasheet HTML 12Page - Texas Instruments ADS800E Datasheet HTML 13Page - Texas Instruments ADS800E Datasheet HTML 14Page - Texas Instruments ADS800E Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
ADS800
11
SBAS035B
www.ti.com
APPLICATIONS
DRIVING THE ADS800
The ADS800 has a differential input with a common-mode of
+2.25V. For AC-coupled applications, the simplest way to
create this differential input is to drive the primary winding of
a transformer with a single-ended input. A differential output
is created on the secondary if the center tap is tied to the
common-mode voltage of +2.25V, as per Figure 5. This
transformer-coupled input arrangement provides good high-
frequency AC performance. It is important to select a trans-
former that gives low distortion and does not exhibit core
saturation at full-scale voltage levels. Since the transformer
does not appreciably load the ladder, there is no need to
buffer the Common-Mode (CM) output in this instance. In
general, it is advisable to keep the current draw from the CM
output pin below 0.5
µA to avoid nonlinearity in the internal
reference ladder. A FET input operational amplifier such as
the OPA130 can provide a buffered reference for driving
external circuitry. The analog IN and IN inputs should be
bypassed with 22pF capacitors to minimize track-and-hold
glitches and to improve high input frequency performance.
Figure 6 illustrates another possible low-cost interface circuit
which utilizes resistors and capacitors in place of a trans-
former. Depending on the signal bandwidth, the component
values should be carefully selected in order to maintain the
FIGURE 6. AC-Coupled Differential Input Circuit.
product performance. The input capacitors, CIN, and the input
resistors, RIN, create a high-pass filter with the lower corner
frequency at fC = 1/(2pRINCIN). The corner frequency can be
reduced by either increasing the value of RIN or CIN. If the
circuit operates with a 50
Ω or 75Ω impedance level, the
resistors are fixed and only the value of the capacitor can be
increased. Usually, AC-coupling capacitors are electrolytic or
tantalum capacitors with values of 1
µF or higher. It should be
noted that these large capacitors become inductive with
increased input frequency, which could lead to signal ampli-
tude errors or oscillation. To maintain a low AC-coupling
impedance throughout the signal band, a small value (e.g.
1
µF) ceramic capacitor could be added in parallel with the
polarized capacitor.
Capacitors CSH1 and CSH2 are used to minimize current
glitches resulting from the switching in the input track-and-
hold stage and to improve signal-to-noise performance. These
capacitors can also be used to establish a low-pass filter and
effectively reduce the noise bandwidth. In order to create a
real pole, resistors RSER1 and RSER2 were added in series
with each input. The cutoff frequency of the filter is deter-
mined by fC = 1/(2pRSER • (CSH + CADC)) where RSER is the
resistor in series with the input, CSH is the external capacitor
from the input to ground, and CADC is the internal input
capacitance of the A/D converter (typically 4pF).
Resistors R1 and R2 are used to derive the necessary
common-mode voltage from the buffered top and bottom
references. The total load of the resistor string should be
selected so that the current does not exceed 1mA. Although
the circuit in Figure 6 uses two resistors of equal value so
that the common-mode voltage is centered between the top
and bottom reference (+2.25V), it is not necessary to do so.
In all cases the center point, VCM, should be bypassed to
ground in order to provide a low-impedance AC ground.
If the signal needs to be DC coupled to the input of the
ADS800, an operational amplifier input circuit is required. In the
differential input mode, any single-ended signal must be modi-
fied to create a differential signal. This can be accomplished by
FIGURE 5. AC-Coupled Single-Ended to Differential Drive
Circuit Using a Transformer.
Mini-Circuits
T T1-6-KK81
or equivalent
22
26
27
CM
IN
IN
ADS800
AC Input
Signal
22pF
22pF
0.1
µF
ADS8xx
R
SER1
(1)
49.9
R
3
1k
R
2
(6k
Ω)
R
1
(6k
Ω)
C
2
0.1
µF
C
SH1
22pF
C
SH2
22pF
C
3
0.1
µF
C
1
0.1
µF
C
IN
0.1
µF
V
CM
C
IN
0.1
µF
R
IN1
25
R
IN2
25
R
SER2
(1)
49.9
+3.25V
Top Reference
+1.25V
Bottom Reference
IN
NOTE: (1) Indicates optional component.
IN


Número de pieza similar - ADS800E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS800E BURR-BROWN-ADS800E Datasheet
368Kb / 17P
   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800E/1K BURR-BROWN-ADS800E/1K Datasheet
368Kb / 17P
   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS800E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS800 BURR-BROWN-ADS800 Datasheet
368Kb / 17P
   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS5421 BURR-BROWN-ADS5421 Datasheet
395Kb / 21P
   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5421 TI1-ADS5421_14 Datasheet
996Kb / 26P
[Old version datasheet]   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com