Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS803EG4 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza ADS803EG4
Descripción Electrónicos  12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS803EG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS803EG4 Datasheet HTML 6Page - Texas Instruments ADS803EG4 Datasheet HTML 7Page - Texas Instruments ADS803EG4 Datasheet HTML 8Page - Texas Instruments ADS803EG4 Datasheet HTML 9Page - Texas Instruments ADS803EG4 Datasheet HTML 10Page - Texas Instruments ADS803EG4 Datasheet HTML 11Page - Texas Instruments ADS803EG4 Datasheet HTML 12Page - Texas Instruments ADS803EG4 Datasheet HTML 13Page - Texas Instruments ADS803EG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ADS803
10
SBAS074B
www.ti.com
3.5V
1.5V
IN
IN
+1V
SEL
V
REF
+2.5V ext.
ADS803
V
IN
V
IN
5V
0V
IN
IN
+2.5V
SEL
V
REF
ADS803
FIGURE 8. Internal Reference with 1.5V to 3.5V Input Range.
FIGURE 9. Internal Reference with 1V to 4V Input Range.
FIGURE 7. Internal Reference with 0V to 5V Input Range.
The top reference (REFT) and the bottom reference (REFB)
are brought out mainly for external bypassing. For proper
operation with all reference configurations, it is necessary to
provide solid bypassing to the reference pins in order to keep
the clock feedthrough to a minimum. Figure 5 shows the
recommended decoupling network.
4V
1V
IN
IN
SEL
V
REF
+2.5V ext.
V
REF = 1V
1 +
R
1
R
2
FSR = 2 • V
REF
ADS803
R
1
5k
+1.5V
R
2
10k
FIGURE 5. Recommended Reference Bypassing Scheme.
ADS803
CM
REFB
0.1
µF
0.1
µF
V
REF
0.1
µF
10
µF
+
0.1
µF
REFT
0.1
µF
10
µF
+
FIGURE 6. Alternative Circuit to Generate CM Voltage.
IN
IN
REFT
R
1
CMV
R
2
0.1
µF
0.1
µF
ADS803
REFB
In addition, the common-mode voltage (CMV) may be used as
a reference level to provide the appropriate offset for the driving
circuitry. However, care must be taken not to appreciably load
this node, which is not buffered and has a high impedance. An
alternate method of generating a common-mode voltage is
given in Figure 6. Here, two external precision resistors (toler-
ance 1% or better) are located between the top and bottom
reference pins. The common-mode level will appear at the
midpoint. The output buffers of the top and bottom reference
are designed to supply approximately 2mA of output current.
SELECTING THE INPUT RANGE AND REFERENCE
Figures 7 through 9 show a selection of circuits for the most
common input ranges when using the internal reference of
the ADS803. All examples are for single-ended inputs and
operate with a nominal common-mode voltage of +2.5V.
EXTERNAL REFERENCE OPERATION
Depending on the application requirements, it might be
advantageous to operate the ADS803 with an external refer-
ence. This may improve the DC accuracy if the external


Número de pieza similar - ADS803EG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS803E BURR-BROWN-ADS803E Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS803EG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7800 BURR-BROWN-ADS7800 Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
ADS804 BURR-BROWN-ADS804 Datasheet
260Kb / 12P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com