Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS574JU Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza ADS574JU
Descripción Electrónicos  Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS574JU Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS574JU Datasheet HTML 5Page - Texas Instruments ADS574JU Datasheet HTML 6Page - Texas Instruments ADS574JU Datasheet HTML 7Page - Texas Instruments ADS574JU Datasheet HTML 8Page - Texas Instruments ADS574JU Datasheet HTML 9Page - Texas Instruments ADS574JU Datasheet HTML 10Page - Texas Instruments ADS574JU Datasheet HTML 11Page - Texas Instruments ADS574JU Datasheet HTML 12Page - Texas Instruments ADS574JU Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
®
ADS574
FIGURE 3. R/C Pulse Low—Outputs Enabled After Conver-
sion.
FIGURE 4. R/C Pulse High — Outputs Enabled Only While
R/C Is High.
S/H CONTROL MODE
AND ADC574 EMULATION MODE
The basic difference between these two modes is the
assumptions about the state of the input signal both before
and during the conversion. The differences are shown in
Figure 9 and Table VI. In the Control Mode it is assumed
that during the required 4
µs acquisition time the signal is not
slewing faster than the slew rate of the ADS574. No
assumption is made about the input level after the convert
command arrives, since the input signal is sampled and
conversion begins immediately after the convert command.
This means that a convert command can also be used to
switch an input multiplexer or change gains on a program-
mable gain amplifier, allowing the input signal to settle
before the next acquisition at the end of the conversion.
Because aperture jitter is minimized by the internal sample/
hold circuit, a high input frequency can be converted without
an external sample/hold.
In the Emulation Mode, no assumption is made about the
input signal prior to the convert command. A delay time is
introduced between the convert command and the start of
conversion to allow the ADS574 enough time to acquire the
input signal before converting. The delay increases the
effective aperture time from 0.02
µs to 4µs, but allows the
ADS574 to replace the ADC574 in any circuit. Any slewing
of the analog input prior to the convert command in existing
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
Convert Mode
tDSC
STS delay from CE
60
200
ns
tHEC
CE Pulse width
50
30
ns
tSSC
CS to CE setup
50
20
ns
tHSC
CS low during CE high
50
20
ns
tSRC
R/C to CE setup
50
0
ns
tHRC
R/C low during CE high
50
20
ns
tSAC
AO to CE setup
0
ns
tHAC
AO valid during CE high
50
20
ns
Read Mode
tDD
Access time from CE
75
150
ns
tHD
Data valid after CE low
25
35
ns
tHL
Output float delay
100
150
ns
tSSR
CS to CE setup
50
0
ns
tSRR
R/C to CE setup
0
ns
tSAR
AO to CE setup
50
25
ns
tHSR
CS valid after CE low
0
ns
tHRR
R/C high after CE low
0
ns
tHAR
AO valid after CE low
50
ns
tHS
STC delay after data valid
300
400
1000
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
tHRL
Low R/C Pulse Width
25
ns
tDS
STS Delay from R/C
200
ns
tHDR
Data Valid After R/C Low
25
ns
tHRH
High R/C Pulse Width
100
ns
tDDR
Data Access Time
150
ns
TABLE IV. Stand-Alone Mode Timing. (TA = TMIN to TMAX ).
TABLE V. Timing Specifications, Fully Controlled Operation. (T
A = TMIN to TMAX ).
R/C
DB11-DB0
Status
Data Valid
Data Valid
High-Z-State
t
HRL
t
DS
t
C
t
HDR
t
HS
R/C
DB11-DB0
Status
Data Valid
High-Z-State
t
HRH
t
DS
t
C
t
DDR
High-Z
t
HDR


Número de pieza similar - ADS574JU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS574JU BURR-BROWN-ADS574JU Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS574JU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS774H TI1-ADS774H_13 Datasheet
1Mb / 27P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 BURR-BROWN-ADS774 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com