Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC081C021 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza ADC081C021
Descripción Electrónicos  ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert Function
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC081C021 Datasheet(HTML) 5 Page - Texas Instruments

  ADC081C021_14 Datasheet HTML 1Page - Texas Instruments ADC081C021_14 Datasheet HTML 2Page - Texas Instruments ADC081C021_14 Datasheet HTML 3Page - Texas Instruments ADC081C021_14 Datasheet HTML 4Page - Texas Instruments ADC081C021_14 Datasheet HTML 5Page - Texas Instruments ADC081C021_14 Datasheet HTML 6Page - Texas Instruments ADC081C021_14 Datasheet HTML 7Page - Texas Instruments ADC081C021_14 Datasheet HTML 8Page - Texas Instruments ADC081C021_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
I/O
GND
TO INTERNAL
CIRCUITRY
ADC081C021, ADC081C027
www.ti.com
SNAS447C – FEBRUARY 2008 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage, VA
(4)
-0.3V to +6.5V
Voltage on any Analog Input Pin to GND
−0.3V to (VA +0.3V)
Voltage on any Digital Input Pin to GND
−0.3V to 6.5V
Input Current at Any Pin(5)
±15 mA
Package Input Current(5)
±20 mA
Power Dissipation at TA = 25°C
See(6)
Human Body Model
2500V
VA, GND, VIN, ALERT, ADR pins
Machine Model
250V
ESD Susceptibility(7)
Charged Device Model (CDM)
1250V
Human Body Model
8000V
SDA, SCL pins
Machine Model
400V
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions. Operation of the device beyond the maximum Operating
Ratings is not recommended.
(2)
All voltages are measured with respect to GND = 0V, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
To ensure accuracy, it is required that VA be well bypassed and free of noise.
(5)
When the input voltage at any pin exceeds 5.5V or is less than GND, the current at that pin should be limited per the Absolute Maximum
Ratings. The maximum package input current rating limits the number of pins that can safely exceed the power supplies.
(6)
The absolute maximum junction temperature (TJmax) for this device is 150°C. The maximum allowable power dissipation is dictated by
TJmax, the junction-to-ambient thermal resistance (θJA), and the ambient temperature (TA), and can be calculated using the formula
PDMAX = (TJmax − TA) / θJA. The values for maximum power dissipation will be reached only when the device is operated in a severe
fault condition (e.g., when input or output pins are driven beyond the operating ratings, or the power supply polarity is reversed).
(7)
Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is a 220 pF capacitor discharged
through 0
Ω. Charged device model simulates a pin slowly acquiring charge (such as from a device sliding down the feeder in an
automated assembler) then rapidly being discharged.
Operating Ratings
(1) (2)
Operating Temperature Range
−40°C ≤ TA ≤ +105°C
Supply Voltage, VA
+2.7V to 5.5V
Analog Input Voltage, VIN
0V to VA
Digital Input Voltage(3)
0V to 5.5V
Sample Rate
up to 188.9 ksps
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions. Operation of the device beyond the maximum Operating
Ratings is not recommended.
(2)
All voltages are measured with respect to GND = 0V, unless otherwise specified.
(3)
The inputs are protected as shown below. Input voltage magnitudes up to 5.5V, regardless of VA, will not cause errors in the conversion
result. For example, if VA is 3V, the digital input pins can be driven with a 5V logic device.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC081C021 ADC081C027


Número de pieza similar - ADC081C021_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC081C021CIMK NSC-ADC081C021CIMK Datasheet
775Kb / 32P
   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC081C021CIMK TI-ADC081C021CIMK Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
ADC081C021CIMK/NOPB TI-ADC081C021CIMK/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
logo
National Semiconductor ...
ADC081C021CIMKX NSC-ADC081C021CIMKX Datasheet
775Kb / 32P
   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC081C021CIMKX TI-ADC081C021CIMKX Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
More results

Descripción similar - ADC081C021_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC081C027CIMK NSC-ADC081C027CIMK Datasheet
775Kb / 32P
   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC081C027CIMK TI-ADC081C027CIMK Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
ADC121C021 TI1-ADC121C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 12-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
ADC121C021 NSC-ADC121C021 Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC101C021 TI1-ADC101C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
ADC121C021 TI1-ADC121C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
DAC081C081 NSC-DAC081C081_08 Datasheet
641Kb / 24P
   8-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
ams AG
AS1538 AMSCO-AS1538 Datasheet
80Kb / 2P
   8-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS7830 TI1-ADS7830_14 Datasheet
930Kb / 27P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com