Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1131 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1131
Descripción Electrónicos  18-Bit Analog-to-Digital Converter for Bridge Sensors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1131 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1131 Datasheet HTML 2Page - Texas Instruments ADS1131 Datasheet HTML 3Page - Texas Instruments ADS1131 Datasheet HTML 4Page - Texas Instruments ADS1131 Datasheet HTML 5Page - Texas Instruments ADS1131 Datasheet HTML 6Page - Texas Instruments ADS1131 Datasheet HTML 7Page - Texas Instruments ADS1131 Datasheet HTML 8Page - Texas Instruments ADS1131 Datasheet HTML 9Page - Texas Instruments ADS1131 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
R
INT
R
INT
R
F1
R
1
R
F2
ADC
A3
Gain=1
CAP
AINP
CAP
A2
A1
450W
18pF
AINN
450W
18pF
ADS1131
SBAS449C – JULY 2009 – REVISED OCTOBER 2013
www.ti.com
OVERVIEW
–39mV to +39mV, and the unipolar input ranges from
The ADS1131 is a precision, 18-bit ADC that includes
0mV to +39mV. The inputs of the ADS1131 are
a low-noise PGA, internal oscillator, third-order delta-
protected with internal diodes connected to the
sigma (
ΔΣ) modulator, and fourth-order digital filter.
power-supply rails. These diodes clamp the applied
The ADS1131 provides a complete front-end solution
signal to prevent it from damaging the input circuitry.
for bridge sensor applications such as weigh scales,
strain gauges, and pressure sensors.
Data can be output at 10SPS for excellent 50Hz and
60Hz rejection, or at 80SPS when higher speeds are
needed. The ADS1131 is easy to configure, and all
digital control is accomplished through dedicated
pins; there are no registers to program. A simple two-
wire serial interface retrieves the data.
ANALOG INPUTS (AINP, AINN)
The input signal to be measured is applied to the
input pins AINP and AINN. The ADS1131 accepts
differential input signals, but can also measure
unipolar signals. When measuring unipolar (or single-
ended signals) with respect to ground, connect the
negative input (AINN) to ground and connect the
input signal to the positive input (AINP). Note that
when the ADS1131 is configured this way, only half
of the converter full-scale range is used, because
Figure 1. Simplified Diagram of the Amplifier
only positive digital output codes are produced.
External Capacitor
LOW-NOISE AMPLIFIER
An external capacitor (CEXT) across the ADS1131 two
The ADS1131 features a low-drift, low-noise amplifier
CAP pins combines with the internal resistor RINT (on-
that provides a complete front-end solution for bridge
chip) to create a low-pass filter. The recommended
sensors. A simplified diagram of the amplifier is
value for CEXT is 0.1μF which provides a corner
shown in Figure 1. It consists of two chopper-
frequency of 720Hz. This low-pass filter serves two
stabilized amplifiers (A1 and A2) and three accurately
purposes. First, the input signal is bandlimited to
matched resistors (R1, RF1, and RF2) that construct a
prevent aliasing by the ADC and to filter out the high-
differential front-end stage with a gain of 64, followed
frequency noise. Second, it attenuates the chopping
by gain stage A3 (Gain = 1). The inputs are equipped
residue from the amplifier to improve temperature drift
with an EMI filter, as shown in Figure 1. The cutoff
performance.
NPO
or
C0G
capacitors
are
frequency of the EMI filter is 20MHz. By using AVDD
recommended. For optimal performance, place the
as the reference input, the bipolar input ranges from
external capacitor very close to the CAP pins.
6
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: ADS1131


Número de pieza similar - ADS1131

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1131 TI-ADS1131 Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131 TI1-ADS1131 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131ID TI-ADS1131ID Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131ID TI-ADS1131ID Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131ID TI1-ADS1131ID Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
More results

Descripción similar - ADS1131

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI-ADS1131 Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com