Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1131ID Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1131ID
Descripción Electrónicos  18-Bit Analog-to-Digital Converter for Bridge Sensors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1131ID Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1131ID Datasheet HTML 3Page - Texas Instruments ADS1131ID Datasheet HTML 4Page - Texas Instruments ADS1131ID Datasheet HTML 5Page - Texas Instruments ADS1131ID Datasheet HTML 6Page - Texas Instruments ADS1131ID Datasheet HTML 7Page - Texas Instruments ADS1131ID Datasheet HTML 8Page - Texas Instruments ADS1131ID Datasheet HTML 9Page - Texas Instruments ADS1131ID Datasheet HTML 10Page - Texas Instruments ADS1131ID Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Bridge
Sensor
+VDD
AINP
AINN
VREFN
SW
GND
ADS1131
VREFP
AVDD
Z
=500MW
EFF
VREFP
VREFN
AVDD
ESD
Protection
C
BUF
Z
=500MW
EFF
ADS1131
www.ti.com
SBAS449C – JULY 2009 – REVISED OCTOBER 2013
VOLTAGE REFERENCE INPUTS
LOW-SIDE POWER SWITCH (SW)
(VREFP, VREFN)
The ADS1131 incorporates an internal switch for use
The voltage reference used by the modulator is
with an external bridge sensor, as shown in Figure 3.
generated
from
the
voltage
difference
between
The switch can be used in a return path for the bridge
VREFP and VREFN: VREF = VREFP – VREFN. The
power. By opening the switch, power dissipation in
reference inputs use a structure similar to that of the
the bridge is eliminated.
analog inputs. In order to increase the reference input
The switch is controlled by the ADS1131 conversion
impedance, a switching buffer circuitry is used to
status. During normal conversions, the switch is
reduce
the
input
equivalent
capacitance.
The
closed (the SW pin is connected to GND). During
reference drift and noise impact ADC performance. In
standby or power-down modes, the switch is opened
order to achieve best results, pay close attention to
(the SW pin is high impedance). When using the
the
reference
noise
and
drift
specifications.
A
switch, it is recommended that the negative reference
simplified diagram of the circuitry on the reference
input (VREFN) be connected directly to the bridge
inputs is shown in Figure 2. The switches and
ground terminal, as shown in Figure 3 for best
capacitors can be modeled approximately using an
performance.
effective impedance of:
Figure 2. Simplified Reference Input Circuitry
ESD diodes protect the reference inputs. To prevent
these diodes from turning on, make sure the voltages
Figure 3. Low-Side Power Switch
on the reference pins do not go below GND by more
than 100mV, and likewise, do not exceed AVDD by
100mV:
CLOCK SOURCE
GND – 100mV < (VREFP or VREFN) < AVDD +
The ADS1131 uses an internal oscillator. No external
100mV
clock circuitry is required.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS1131


Número de pieza similar - ADS1131ID

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1131ID TI-ADS1131ID Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131ID TI-ADS1131ID Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131ID TI1-ADS1131ID Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131ID TI1-ADS1131ID Datasheet
623Kb / 31P
[Old version datasheet]   ADS1131REF and ADS1231REF
ADS1131IDR TI-ADS1131IDR Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
More results

Descripción similar - ADS1131ID

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI-ADS1131 Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com