Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1202IPWT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1202IPWT
Descripción Electrónicos  Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1202IPWT Datasheet(HTML) 1 Page - Texas Instruments

  ADS1202IPWT Datasheet HTML 1Page - Texas Instruments ADS1202IPWT Datasheet HTML 2Page - Texas Instruments ADS1202IPWT Datasheet HTML 3Page - Texas Instruments ADS1202IPWT Datasheet HTML 4Page - Texas Instruments ADS1202IPWT Datasheet HTML 5Page - Texas Instruments ADS1202IPWT Datasheet HTML 6Page - Texas Instruments ADS1202IPWT Datasheet HTML 7Page - Texas Instruments ADS1202IPWT Datasheet HTML 8Page - Texas Instruments ADS1202IPWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
ADS1202
SBAS275B – DECEMBER 2002 – REVISED JULY 2004
www.ti.com
DESCRIPTION
The ADS1202 is a precision, 80dB dynamic range, delta-
sigma (
∆Σ) modulator operating from a single +5V supply.
The differential inputs are ideal for direct connections to
transducers or low-level signals. With the appropriate digital
filter and modulator rate, the device can be used to achieve
16-bit Analog-to-Digital (A/D) conversion with no missing
codes. Effective resolution of 12 bits can be maintained with
a digital filter bandwidth of 10kHz at a modulator rate of
10MHz. The ADS1202 is designed for use in medium reso-
lution measurement applications including current measure-
ments, smart transmitters, industrial process control, weigh
scales, chromatography, and portable instrumentation. It is
available in a TSSOP-8 package.
FEATURES
q 16-BIT RESOLUTION
q 13-BIT LINEARITY
q RESOLUTION/SPEED TRADE-OFF:
10-Bit Effective Resolution with 20
µs Signal
Delay (12-bit with 77
µs)
q
±250mV INPUT RANGE WITH SINGLE 5V SUPPLY
q 2% INTERNAL REFERENCE VOLTAGE
q 2% GAIN ERROR
q FLEXIBLE SERIAL INTERFACE WITH FOUR
DIFFERENT MODES
q IMPLEMENTED TWINNED BINARY CODING AS
SPLIT PHASE OR MANCHESTER CODING FOR
ONE LINE INTERFACING
q OPERATING TEMPERATURE RANGE:
–40
°C to +85°C
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2002-2004, Texas Instruments Incorporated
Motor Control Current Shunt
1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
APPLICATIONS
q MOTOR CONTROL
q CURRENT MEASUREMENT
q INDUSTRIAL PROCESS CONTROL
q INSTRUMENTATION
q SMART TRANSMITTERS
q PORTABLE INSTRUMENTS
q WEIGHT SCALES
q PRESSURE TRANSDUCERS
Buffer
Reference
Voltage
2.5V
2nd-Order
∆∑ Modulator
RC Oscillator
20MHz
Interface
Circuit
MDAT
MCLK
M0
M1
V
IN+
V
IN–
V
DD
GND


Número de pieza similar - ADS1202IPWT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS1202IPWT BURR-BROWN-ADS1202IPWT Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202IPWT TI1-ADS1202IPWT Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWT TI-ADS1202IPWT Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWT TI-ADS1202IPWT Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWTG4 TI-ADS1202IPWTG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
More results

Descripción similar - ADS1202IPWT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS574JH TI-ADS574JH Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com